Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD12CT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. SD12CT1
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SD12CT1 Datasheet(HTML) 1 Page - ON Semiconductor

  SD12CT1_07 Datasheet HTML 1Page - ON Semiconductor SD12CT1_07 Datasheet HTML 2Page - ON Semiconductor SD12CT1_07 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2007
February, 2007 − Rev. 1
1
Publication Order Number:
SD12CT1/D
SD12CT1
Transient Voltage
Suppressor
Bi−directional ESD Protection
with Ultra Low Clamping Voltage
The SD12C is designed to protect voltage sensitive components from
ESD and transient voltage events. Excellent clamping capability, low
leakage, and fast response time, make this part ideal for ESD protection
on designs where board space is at a premium. Because of its small size, it
is suited for use in cellular phones, portable devices, digital cameras,
power supplies and many other portable applications.
Specification Features:
Peak Power − 350 W (8 20 ms)
Low Leakage
Low Clamping Voltage
Small Package for use in Portable Electronics
Meets IEC61000−4−2 Level 4
Meets IEC6100−4−4 Level 4
Meets 16 kV Human Body Model ESD Requirements
Pb−Free Package is Available
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94, V−0
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260
°C
Device Meets MSL 1 Requirements
Replace the “T1” with “T3” in the Device Number to order the
13 inch/10,000 unit reel.
http://onsemi.com
SOD−323
CASE 477
STYLE 1
MARKING DIAGRAM
ZK = Specific Device Code
M = Date Code*
G = Pb−Free Package
Device
Package
Shipping
ORDERING INFORMATION
SD12CT1
SOD−323
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SD12CT1G
SOD−323
(Pb−Free)
3000/Tape & Reel
1
2
ZK M
G
G
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn