Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUS2401SNT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NUS2401SNT1G
Description  Integrated PNP/NPN Digital Transistors Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUS2401SNT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NUS2401SNT1G Datasheet HTML 1Page - ON Semiconductor NUS2401SNT1G Datasheet HTML 2Page - ON Semiconductor NUS2401SNT1G Datasheet HTML 3Page - ON Semiconductor NUS2401SNT1G Datasheet HTML 4Page - ON Semiconductor NUS2401SNT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NUS2401SNT1
http://onsemi.com
3
Figure 1. Derating Curve
400
300
200
100
50
0
−50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RqJA = 357°C/W
350
250
150
Figure 2. Maximum Collector Voltage versus
Collector Current
1
0.1
0.01
010
30
40
IC, COLLECTOR CURRENT (mA)
IC/IB = 10
20
50
70
80
60
TA = −25°C
75°C
25°C
Figure 3. DC Current Gain
1000
100
10
1
10
100
IC, COLLECTOR CURRENT (mA)
VCE = 10 V
Figure 4. Output Capacitance
6
1
010
30
40
IC, COLLECTOR CURRENT (mA)
20
50
60
f = 1 MHz
IE = 0 V
TA = 25°C
TA = −25°C
75°C
25°C
0
3
2
5
4
Figure 5. Output Current versus Input Voltage
100
10
1
0
0.1
Vin, INPUT VOLTAGE (V)
VO = 5 V
Figure 6. Input Voltage versus Output Current
10
010
30
40
IC, COLLECTOR CURRENT (mA)
20
50
60
TA = 75°C
−25°C
0.1
1
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
25°C
VO = 0.2 V
TA = 75°C
−25°C
25°C


Similar Part No. - NUS2401SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUS2401SNT1G ONSEMI-NUS2401SNT1G Datasheet
52Kb / 6P
   Integrated PNP/NPN Digital Transistors Array
April, 2004 ??Rev. 2
More results

Similar Description - NUS2401SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUS2401SNT1 ONSEMI-NUS2401SNT1 Datasheet
52Kb / 6P
   Integrated PNP/NPN Digital Transistors Array
April, 2004 ??Rev. 2
logo
Infineon Technologies A...
BCR10PN INFINEON-BCR10PN Datasheet
51Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR19PN INFINEON-BCR19PN Datasheet
52Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR39PN INFINEON-BCR39PN Datasheet
53Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
May-17-2004
BCR15PN INFINEON-BCR15PN Datasheet
156Kb / 6P
   NPN/PNP Silicon Digital Transistor Array
Apr-30-2004
BCR35PN INFINEON-BCR35PN_11 Datasheet
533Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2011-07-28
BCR22PNH6327 INFINEON-BCR22PNH6327 Datasheet
533Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2011-07-28
BCR22PN INFINEON-BCR22PN_07 Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-31
BCR35PN INFINEON-BCR35PN_07 Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-24
BCR48PN INFINEON-BCR48PN_07 Datasheet
148Kb / 8P
   NPN/PNP Silicon Digital Transistor Array
2007-07-24
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com