Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUP8020X6T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUP8020X6T1G
Description  5?묹ine Transient Voltage Suppressor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP8020X6T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NUP8020X6T1G Datasheet HTML 1Page - ON Semiconductor NUP8020X6T1G Datasheet HTML 2Page - ON Semiconductor NUP8020X6T1G Datasheet HTML 3Page - ON Semiconductor NUP8020X6T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUP8020X6
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Reverse Working Voltage
(Note 2)
VRWM
5.0
V
Breakdown Voltage
IT = 1 mA, (Note 3)
VBR
6.2
6.8
7.2
V
Reverse Leakage Current
VRWM = 3 V
IR
0.01
0.5
mA
Capacitance
VR = 0 V, f = 1 MHz (Line to GND)
VR = 2.5 V, f = 1 MHz (Line to GND)
CJ
54
70
pF
2. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC
or continuous peak operating voltage level.
3. VBR is measured at pulse test current IT.


Similar Part No. - NUP8020X6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP8028MN ONSEMI-NUP8028MN Datasheet
52Kb / 4P
   Low Capacitance Transient Voltage Suppressor Array
September, 2006 ??Rev. 0
NUP8028MNT1G ONSEMI-NUP8028MNT1G Datasheet
52Kb / 4P
   Low Capacitance Transient Voltage Suppressor Array
September, 2006 ??Rev. 0
More results

Similar Description - NUP8020X6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF05C ONSEMI-SMF05C_05 Datasheet
124Kb / 6P
   5?묹ine Transient Voltage Suppressor Array
August, 2005 ??Rev. 2
NUP5120X6 ONSEMI-NUP5120X6 Datasheet
53Kb / 4P
   5?묹ine Transient Voltage Suppressor Array
December, 2006 ??Rev. 4
NUP4060AXV6 ONSEMI-NUP4060AXV6 Datasheet
49Kb / 4P
   4?묹ine Transient Voltage Suppressor Array
January, 2007 ??Rev. 1
SMF05CT1G ONSEMI-SMF05CT1G Datasheet
133Kb / 4P
   5-Line Transient Voltage Suppressor Array
February, 2012 ??Rev. 4
SMS05C ONSEMI-SMS05C Datasheet
112Kb / 6P
   5-Line Transient Voltage Suppressor Array
February, 2005 ??Rev. 5
SMS05C ONSEMI-SMS05C_11 Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
logo
WILLAS ELECTRONIC CORP
SEMFXXC WILLAS-SEMFXXC Datasheet
297Kb / 3P
   5-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
SMS05CT1G ONSEMI-SMS05CT1G Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
SMF05C ONSEMI-SMF05C Datasheet
59Kb / 4P
   5-Line Transient Voltage Suppressor Array
June, 2004 ??Rev. 1
SZSMS24CT1G ONSEMI-SZSMS24CT1G Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com