Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUP8020X6 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NUP8020X6
Description  5−Line Transient Voltage Suppressor Array
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP8020X6 Datasheet(HTML) 3 Page - ON Semiconductor

  NUP8020X6_07 Datasheet HTML 1Page - ON Semiconductor NUP8020X6_07 Datasheet HTML 2Page - ON Semiconductor NUP8020X6_07 Datasheet HTML 3Page - ON Semiconductor NUP8020X6_07 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NUP8020X6
http://onsemi.com
3
Figure 1. Power Derating vs. Ambient
Temperature
PULSE DURATION (
mS)
100
10
1
100
10
1000
Figure 2. Peak Power vs. Pulse Duration
Figure 3. Peak Current vs. Clamp Voltage
VCL, CLAMP VOLTAGE (V)
16
10
8
6
14
12
1
0.1
10
100
VR, REVERSE VOLTAGE (V)
6
5
4
3
2
1
0
60
50
40
30
20
10
0
Figure 4. Typical Capacitance vs. Reverse
Voltage
Figure 5. Reverse Current vs. Reverse Voltage
REVERSE VOLTAGE (V)
4
3
2
1
6
5
0.1
10
0.01
100
1000
TJ = 25 °C
FORWARD VOLTAGE (V)
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.1
0.01
0.001
1
Figure 6. Typical Forward Current vs. Forward
Voltage
TA, AMBIENT TEMPERATURE (°C)
150
125
100
75
50
25
0
80
60
40
20
0
100
120
1
TJ = 125 °C
TJ = 25 °C
TJ = 125 °C
TA = 25 °C
TA = 25 °C
TA = 25 °C
TA = 25 °C
TA = 25 °C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn