Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSF1174MNR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLSF1174MNR2G
Description  Hex D Flip?묯lop with Common Clock and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF1174MNR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NLSF1174MNR2G Datasheet HTML 1Page - ON Semiconductor NLSF1174MNR2G Datasheet HTML 2Page - ON Semiconductor NLSF1174MNR2G Datasheet HTML 3Page - ON Semiconductor NLSF1174MNR2G Datasheet HTML 4Page - ON Semiconductor NLSF1174MNR2G Datasheet HTML 5Page - ON Semiconductor NLSF1174MNR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NLSF1174
http://onsemi.com
4
TIMING REQUIREMENTS (CL = 50 pF, Input tr = tf = 6.0 ns)
Parameter
Figure
Symbol
VCC
V
Guaranteed Limit
Unit
*555C to 255C
v855C
v1255C
Min
Max
Min
Max
Min
Max
Minimum Setup Time, Data to Clock
6
tsu
2.0
4.5
6.0
50
10
9.0
65
13
11
75
15
13
ns
Minimum Hold Time, Clock to Data
6
th
2.0
4.5
6.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
ns
Minimum Recovery Time,
Reset Inactive to Clock
5
trec
2.0
4.5
6.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
ns
Minimum Pulse Width, Clock
4
tw
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
Minimum Pulse Width, Reset
5
tw
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
Maximum Input Rise and Fall Times
4
tr, tf
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns
CLOCK
D0
RESET
D1
D2
D3
D4
D5
C
Q
D
R
Q0
Q1
Q2
Q3
Q4
Q5
Figure 3. Expanded Logic Diagram
C
Q
D
R
C
Q
D
R
C
Q
D
R
C
Q
D
R
C
Q
D
R


Similar Part No. - NLSF1174MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF2500 ONSEMI-NLSF2500 Datasheet
138Kb / 5P
   Keypad Multiplexer
June, 2006 ??Rev. 2
NLSF2500MN1R2G ONSEMI-NLSF2500MN1R2G Datasheet
138Kb / 5P
   Keypad Multiplexer
June, 2006 ??Rev. 2
NLSF302 ONSEMI-NLSF302 Datasheet
68Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
NLSF302 ONSEMI-NLSF302 Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
More results

Similar Description - NLSF1174MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A_06 Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
MC74HC174A ONSEMI-MC74HC174A Datasheet
155Kb / 8P
   Hex D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 7
logo
Integral Corp.
IN74ACT174 INTEGRAL-IN74ACT174 Datasheet
163Kb / 5P
   HEX D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A_12 Datasheet
148Kb / 10P
   Hex D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 12
logo
System Logic Semiconduc...
SL74HC174 SLS-SL74HC174 Datasheet
46Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74AC174 ONSEMI-MC74AC174 Datasheet
225Kb / 9P
   Hex D Flip?묯lop with Master Reset
June, 2006 ??Rev. 7
MC74HCT273A ONSEMI-MC74HCT273A_06 Datasheet
148Kb / 8P
   Octal D Flip?묯lop with Common Clock and Reset with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 10
MC10H186 ONSEMI-MC10H186_06 Datasheet
149Kb / 5P
   Hex D Master?뭆lave Flip?묯lop with Reset
February, 2006 ??Rev. 7
MC74HC175A ONSEMI-MC74HC175A_05 Datasheet
121Kb / 10P
   Quad D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74HC273A ONSEMI-MC74HC273A_05 Datasheet
138Kb / 10P
   Octal D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com