Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS7222A Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLAS7222A
Description  High?뭆peed USB 2.0 (480 Mbps) DPDT Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS7222A Datasheet(HTML) 2 Page - ON Semiconductor

  NLAS7222A_07 Datasheet HTML 1Page - ON Semiconductor NLAS7222A_07 Datasheet HTML 2Page - ON Semiconductor NLAS7222A_07 Datasheet HTML 3Page - ON Semiconductor NLAS7222A_07 Datasheet HTML 4Page - ON Semiconductor NLAS7222A_07 Datasheet HTML 5Page - ON Semiconductor NLAS7222A_07 Datasheet HTML 6Page - ON Semiconductor NLAS7222A_07 Datasheet HTML 7Page - ON Semiconductor NLAS7222A_07 Datasheet HTML 8Page - ON Semiconductor NLAS7222A_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NLAS7222A
http://onsemi.com
2
Figure 1. Pin Connections and Logic Diagram
(Top View)
8
9
10
12
76
5
4
3
HSD1+
HSD2+
HSD1−
HSD2−
D−
GND
D+
OE
VCC
S
CONTROL
Table 1. PIN DESCRIPTION
Pin
Function
S
Select Input
OE
Output Enable
HSD1+, HSD1−, HSD2+,
HSD2−, D+, D−
Data Ports
Table 2. TRUTH TABLE
OE
S
HSD1+,
HSD1−
HSD2+,
HSD2−
1
0
0
X
0
1
OFF
ON
OFF
OFF
OFF
ON
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
−0.5 to +4.6
V
VIS
Analog Switch Input Voltage
HSD1+, HSD1−, HSD2+, HSD2−
D+, D−
−0.5 to VCC + 0.3
−0.5 to +4.6
V
VIN
Digital Select Input Voltage
−0.5 to +4.6
V
ID
Continuous DC Current (Through Analog Switch)
50
mA
PD
Power Dissipation
0.5
W
TS
Storage Temperature
−65 to +150
°C
ESD
Human Body Model
I/O to GND
All Pins
8
2
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
3.0
3.6
V
VIS
Analog I/O Voltage (HSD1+, HSD1−, HSD2+, HSD2−)
GND
VCC
V
VOS
Analog Common Output Voltage (D+, D−)
GND
3.6
V
VIN
Digital Select Input Voltage
GND
VCC
V
TA
Operating Temperature Range
−40
+85
°C
tr, tf
Input Rise or Fall Time
VCC = 3.3 V ± 0.3 V
0
15
ns


Similar Part No. - NLAS7222A_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7222AMTR2G ONSEMI-NLAS7222AMTR2G Datasheet
148Kb / 10P
   3.3 V, Wide Bandwidth, 2??to ???뭁ort (DPDT) Switch with Enable
October, 2006 ??Rev. 0
NLAS7222AMTR2G ONSEMI-NLAS7222AMTR2G Datasheet
205Kb / 11P
   High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
NLAS7222AMUR2G ONSEMI-NLAS7222AMUR2G Datasheet
205Kb / 11P
   High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
NLAS7222AMUTAG ONSEMI-NLAS7222AMUTAG Datasheet
205Kb / 11P
   High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
NLAS7222A ONSEMI-NLAS7222A_11 Datasheet
205Kb / 11P
   High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
More results

Similar Description - NLAS7222A_07

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
NLAS7222BMUTAG ONSEMI-NLAS7222BMUTAG Datasheet
177Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
NL3S2223 ONSEMI-NL3S2223 Datasheet
372Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2016 ??Rev. P0
NLAS7222B ONSEMI-NLAS7222B Datasheet
816Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2007 - Rev. 1
NLAS7223C ONSEMI-NLAS7223C Datasheet
413Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
October, 2008 ??Rev. 1
NLAS7222B ONSEMI-NLAS7222B_11 Datasheet
177Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
NLAS7242 ONSEMI-NLAS7242 Datasheet
672Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2009 ??Rev. 4
NL3HS2222 ONSEMI-NL3HS2222_16 Datasheet
449Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
logo
Shenzhen Huazhimei Semi...
HM7222 HMSEMI-HM7222 Datasheet
1Mb / 9P
   High-Speed USB 2.0(480 Mbps) DPDT Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com