Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NL27WZ16 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NL27WZ16
Description  Dual Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ16 Datasheet(HTML) 3 Page - ON Semiconductor

  NL27WZ16_07 Datasheet HTML 1Page - ON Semiconductor NL27WZ16_07 Datasheet HTML 2Page - ON Semiconductor NL27WZ16_07 Datasheet HTML 3Page - ON Semiconductor NL27WZ16_07 Datasheet HTML 4Page - ON Semiconductor NL27WZ16_07 Datasheet HTML 5Page - ON Semiconductor NL27WZ16_07 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NL27WZ16
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Parameter
Condition
Symbol
VCC
(V)
TA = 255C
*405C v TA v 855C
Unit
Min
Typ
Max
Min
Max
High−Level Input
Voltage
VIH
1.65 to 1.95
2.3 to 5.5
0.75 VCC
0.7 VCC
0.75 VCC
0.7 VCC
V
Low−Level Input
Voltage
VIL
1.65 to 1.95
2.3 to 5.5
0.25 VCC
0.3 VCC
0.25 VCC
0.3 VCC
V
High−Level Output
Voltage
VIN = VIH
IOH = −100 mA
VOH
1.65
1.8
2.3
3.0
4.5
1.55
1.7
2.2
2.9
4.4
1.65
1.8
2.3
3.0
4.5
1.55
1.7
2.2
2.9
4.4
V
IOH = −4 mA
IOH = −8 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
1.65
2.3
3.0
3.0
4.5
1.29
1.9
2.4
2.3
3.8
1.52
2.15
2.80
2.68
4.20
1.29
1.9
2.4
2.3
3.8
V
Low−Level Output
Voltage
VIN = VIL
IOL = 100 mA
VOL
1.65
1.8
2.3
3.0
4.5
0.0
0.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
IOL = 4 mA
IOL = 8 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
1.65
2.3
3.0
3.0
4.5
0.08
0.10
0.15
0.22
0.22
0.24
0.30
0.40
0.55
0.55
0.24
0.30
0.40
0.55
0.55
V
Input Leakage Current
0 V
v VIN v 5.5 V
IIN
0 to 5.5
$1.0
$1.0
mA
Power Off Leakage
Current
VIN or VOUT = 5.5 V
IOFF
0.0
1.0
10
mA
Quiescent Supply
Current
VIN = 5.5 V, GND
ICC
1.65 to 5.5
1.0
10
mA
AC ELECTRICAL CHARACTERISTICS tR = tF = 2.5 ns; CL = 50 pF; RL = 500 W
Parameter
Condition
Symbol
VCC (V)
TA = 25°C
*40°C ≤ TA ≤ 85°C
Unit
Min
Typ
Max
Min
Max
Propagation Delay
(Figure 3 and 4)
RL = 1 MW, CL = 15 pF
tPLH
tPHL
1.8
$ 0.15
1.8
8.0
9.6
1.8
10.2
ns
RL = 1 MW, CL = 15 pF
2.5
$ 0.2
1.0
3.0
5.2
1.0
5.8
RL = 1 MW, CL = 15 pF
3.3
$ 0.3
0.8
2.3
3.6
0.8
4.0
RL = 500 W, CL = 50 pF
1.2
3.0
4.6
1.2
5.1
RL = 1 MW, CL = 15 pF
5.0
$ 0.5
0.5
1.8
2.9
0.5
3.2
RL = 500 W, CL = 50 pF
0.8
2.4
3.8
0.8
4.2
CAPACITIVE CHARACTERISTICS
Parameter
Condition
Symbol
Typical
Unit
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
CIN
7.0
pF
Power Dissipation Capacitance (Note 6)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
CPD
9
11
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin ) ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin ) ICC  VCC.


Similar Part No. - NL27WZ16_07

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NL27WZ16DBVT1G ONSEMI-NL27WZ16DBVT1G Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
NL27WZ16DFT2 ONSEMI-NL27WZ16DFT2 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
NL27WZ16DFT2G-L22348 ONSEMI-NL27WZ16DFT2G-L22348 Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
More results

Similar Description - NL27WZ16_07

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
Diodes Incorporated
Diodes Incorporated
74LVC2G34 DIODES-74LVC2G34 Datasheet
245Kb / 10P
   DUAL BUFFER
Renesas Technology Corp
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_15 Datasheet
156Kb / 7P
   Dual Buffer
ON Semiconductor
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16_16 Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NL27WZ16 ONSEMI-NL27WZ16 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
Renesas Technology Corp
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A Datasheet
74Kb / 9P
   DUAL BUFFER
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
   Dual Buffer
ON Semiconductor
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16_12 Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
Toshiba Semiconductor
Toshiba Semiconductor
TC7W126FU TOSHIBA-TC7W126FU Datasheet
188Kb / 4P
   DUAL BUS BUFFER
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz