Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPM04C0A0S06FA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # IPM04C0A0S06FA
Description  Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 6A Output Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM04C0A0S06FA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button IPM04C0A0S06FA Datasheet HTML 4Page - Delta Electronics, Inc. IPM04C0A0S06FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM04C0A0S06FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM04C0A0S06FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM04C0A0S06FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM04C0A0S06FA Datasheet HTML 9Page - Delta Electronics, Inc. IPM04C0A0S06FA Datasheet HTML 10Page - Delta Electronics, Inc. IPM04C0A0S06FA Datasheet HTML 11Page - Delta Electronics, Inc. IPM04C0A0S06FA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DS_IPM04C0A0R06_08242006
8
DESIGN CONSIDERATIONS
Safety Considerations
For safety-agency approval the power module must be
installed in compliance with the spacing and separation
requirements of the end-use safety agency standards.
For the converter output to be considered meeting the
requirements of safety extra-low voltage (SELV), the
input must meet SELV requirements. The power module
has extra-low voltage (ELV) outputs when all inputs are
ELV.
The input to these units is to be provided with a
maximum 10A time-delay fuse in the ungrounded lead.
Remote On/Off
The IPM series power modules have an On/Off control
pin for output voltage remote On/Off operation. The
On/Off pin is an open collector/drain logic input signal
that is referenced to ground. When On/Off control pin is
not used, leave the pin unconnected.
The remote on/off pin is internally connected to +Vin
through an internal pull-up resistor. Figure 27 shows the
circuit configuration for applying the remote on/off pin.
The module will execute a soft start ON when the
transistor Q1 is in the off state.
The typical rise for this remote on/off pin at the output
voltage of 0.9V and 3.3V are shown in Figure 17 and 18.
Vo
On/Off
Vin
GND
IPM
Q1
RL
Figure 27: Remote on/off implementation
FEATURES DESCRIPTIONS
Over-Current Protection
To provide protection in an output over load fault
condition, the unit is equipped with internal over-current
protection.
When
the
over-current
protection
is
triggered, the unit enters hiccup mode. The units
operate normally once the fault condition is removed.
Pre-Bias Startup Capability
The IPM would perform the monotonic startup into the
pre-bias loads; so as to avoid a system voltage drop
occur upon application. In complex digital systems an
external voltage can sometimes be presented at the
output of the module during power on. This voltage may
be feedback through a multi-supply logic component,
such as FPGA or ASIC. Another way might be via a
clamp diode as part of a power up sequencing
implementation.
Output Voltage Programming
The output voltage of IPM can be programmed to any
voltage between 0.9Vdc and 3.3Vdc by connecting one
resistor (shown as Rtrim in Figure 28, 29) between the
TRIM and GND pins of the module to trim up (0.9V ~
3.3V) and between the Trim and +Output to trim down
(0.8V ~ 0.9V). Without this external resistor, the output
voltage of the module is 0.9 Vdc. To calculate the value of
the resistor Rtrim for a particular output voltage Vo,
please use the following equation:
Trim up
7.0
Rtrim =
Vadj. –0.9
- 0.187 (KΩ)
Trim Down
2.0
Rtrim =
0.9 – Vadj.
- 10.187 (KΩ)
Rtrim is the external resistor in KΩ
Vout is the desired output voltage


Similar Part No. - IPM04C0A0S06FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM04C0A0S06FA DELTA-IPM04C0A0S06FA Datasheet
765Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.9~5V and 4A Output Current
IPM04C0A0S06FA DELTA-IPM04C0A0S06FA Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
IPM04C0A0S06FA DELTA-IPM04C0A0S06FA Datasheet
741Kb / 15P
   Copper pad to provide excellent thermal performance
IPM04C0A0S06FA DELTA-IPM04C0A0S06FA Datasheet
769Kb / 15P
   Output short circuit protection
More results

Similar Description - IPM04C0A0S06FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM04S0A0R10FA DELTA-IPM04S0A0R10FA Datasheet
644Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 10A Output Current
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
IPM12S0A0R08FA DELTA-IPM12S0A0R08FA Datasheet
656Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.8~5V and 8A Output Current
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA Datasheet
765Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.9~5V and 4A Output Current
IPM24S0A0S DELTA-IPM24S0A0S Datasheet
595Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated Integrated Point-of-Load Power Modules
IPM24S0C0SR03FA DELTA-IPM24S0C0SR03FA Datasheet
488Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated,Integrated Point-of-Load Power Modules
IPM24S0A0R03FA DELTA-IPM24S0A0R03FA Datasheet
780Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
IPM24S0B0R03FA DELTA-IPM24S0B0R03FA Datasheet
766Kb / 14P
   Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output
IPM24S0C0R03FA DELTA-IPM24S0C0R03FA Datasheet
710Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com