Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPM04C0A0R06FA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # IPM04C0A0R06FA
Description  Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 6A Output Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM04C0A0R06FA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  IPM04C0A0R06FA Datasheet HTML 1Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 2Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 3Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 4Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM04C0A0R06FA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Delphi Series IPM, Non-Isolated, Integrated
Point-of-Load Power Modules: 3V~5.5V input,
0.8~3.3V and 6A Output Current
The
Delphi
Series
IPM04C
non-isolated,
fully
integrated
Point-of-Load (POL) power modules, are the latest offerings from a
world leader in power supply technology and manufacturing ― Delta
Electronics, Inc. This product family provides up to 6A of output
current or 19.8W of output power in an industry standard, compact,
IC-like, molded package. It is highly integrated and does not require
external components to provide the point-of-load function. A copper
pad on the back of the module, in close contact with the internal heat
dissipation components, provides excellent thermal performance.
The assembly process of the modules is fully automated with no
manual assembly involved. These converters possess outstanding
electrical and thermal performance, as well as extremely high
reliability under highly stressful operating conditions. IPM04C
operate from a 3V~5.5V source and provide a programmable output
voltage of 0.8V~3.3V. The IPM product family is available in both a
SMD or SIP package. IPM family is also available for input 8V~14V,
please refer to IPM12C datasheet for details.
OPTION
SMD or SIP package
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
FEATURES
High efficiency: 93% @ 5.0Vin, 3.3V/6A out
Small size and low profile:
17.8 x 15.0 x 7.8mm (0.70” x 0.59” x 0.31”)
Output voltage adjustment: 0.9V~3.3V
Monotonic startup into normal and
pre-biased loads
Input UVLO, output OCP
Remote ON/OFF
Output short circuit protection
Fixed frequency operation
Copper pad to provide excellent thermal
performance
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing
UL/cUL 60950 (US & Canada) Recognized,
and TUV (EN60950) Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives
DATASHEET
IPM04C0A0R/S06_08242006
Delta Electronics, Inc.


Similar Part No. - IPM04C0A0R06FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM04C0A0R06FA DELTA-IPM04C0A0R06FA Datasheet
765Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.9~5V and 4A Output Current
IPM04C0A0R06FA DELTA-IPM04C0A0R06FA Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
IPM04C0A0R06FA DELTA-IPM04C0A0R06FA Datasheet
741Kb / 15P
   Copper pad to provide excellent thermal performance
IPM04C0A0R06FA DELTA-IPM04C0A0R06FA Datasheet
769Kb / 15P
   Output short circuit protection
More results

Similar Description - IPM04C0A0R06FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM04S0A0R10FA DELTA-IPM04S0A0R10FA Datasheet
644Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 10A Output Current
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
IPM12S0A0R08FA DELTA-IPM12S0A0R08FA Datasheet
656Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.8~5V and 8A Output Current
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA Datasheet
765Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.9~5V and 4A Output Current
IPM24S0A0S DELTA-IPM24S0A0S Datasheet
595Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated Integrated Point-of-Load Power Modules
IPM24S0C0SR03FA DELTA-IPM24S0C0SR03FA Datasheet
488Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated,Integrated Point-of-Load Power Modules
IPM24S0A0R03FA DELTA-IPM24S0A0R03FA Datasheet
780Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
IPM24S0B0R03FA DELTA-IPM24S0B0R03FA Datasheet
766Kb / 14P
   Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output
IPM24S0C0R03FA DELTA-IPM24S0C0R03FA Datasheet
710Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com