Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H48SN28012 Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part No. H48SN28012
Description  Delphi Series H48SN, 350W HalfBrick Family DC/DC Power Modules: 48V in, 28V/12.5A out
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SN28012 Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  H48SN28012 Datasheet HTML 1Page - Delta Electronics, Inc. H48SN28012 Datasheet HTML 2Page - Delta Electronics, Inc. H48SN28012 Datasheet HTML 3Page - Delta Electronics, Inc. H48SN28012 Datasheet HTML 4Page - Delta Electronics, Inc. H48SN28012 Datasheet HTML 5Page - Delta Electronics, Inc. H48SN28012 Datasheet HTML 6Page - Delta Electronics, Inc. H48SN28012 Datasheet HTML 7Page - Delta Electronics, Inc. H48SN28012 Datasheet HTML 8Page - Delta Electronics, Inc. H48SN28012 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ELECTRICAL CHARACTERISTICS CURVES
For Negative Remote On/Off Logic
Figure 4: Turn-on transient at full rated load current (resistive
load) (10ms/div). CH3: Vout;5V/div; CH1: ON/OFF input: 2V/div
Figure 5: Turn-on transient at minimum load current
(10ms/div). CH3: Vout: 5V/div; CH1: ON/OFF input: 2V/div
For Positive Remote On/Off Logic
Figure 6: Turn-on transient at full rated load current (resistive
load) (10ms/div). Top Trace: Vout; 5V/div; Bottom Trace:
ON/OFF input: 2V/div
Figure 7: Turn-on transient at zero load current (10ms/div). Top
Trace: Vout: 5V/div; Bottom Trace: ON/OFF input: 2V/div
H48SN28012_09262006
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn