Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H48SN28012 Datasheet(PDF) 13 Page - Delta Electronics, Inc.

Part No. H48SN28012
Description  Delphi Series H48SN, 350W HalfBrick Family DC/DC Power Modules: 48V in, 28V/12.5A out
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

H48SN28012 Datasheet(HTML) 13 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
H48SN28012_09262006
13
PART NUMBERING SYSTEM
H
48
S
N
280
12
N
R
F
A
Form
Factor
Input
Voltage
Number of
Outputs
Product
Series
Output
Voltage
Output
Current
ON/OFF
Logic
Pin
Length
Option Code
H- Half
Brick
48V
S- Single
N- 350W
series
280- 28V
12- 12.5A
N- Negative
P- Positive
R- 0.170”
N- 0.145”
K- 0.110”
F- RoHS 6/6
(Lead Free)
A - Standard
Functions
B - no thread
heatsink mounting
hole
MODEL LIST
MODEL NAME
INPUT
OUTPUT
EFF @ 100% LOAD
H48SN28012NRFA
36V~75V
12.5A
28V
12.5A
91%
Default remote on/off logic is negative and pin length is 0.170”
For different remote on/off logic and pin length, please refer to part numbering system above or contact your local sales
CONTACT: www.delta.com.tw/dcdc
USA:
Telephone:
East Coast: (888) 335 8201
West Coast: (888) 335 8208
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Phone: +41 31 998 53 11
Fax: +41 31 998 53 53
Email: DCDC@delta-es.com
Asia & the rest of world:
Telephone: +886 3 4526107 ext 6220
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon
request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its
use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these specifications
at any time, without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn