Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H48SN28012 Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part No. H48SN28012
Description  Delphi Series H48SN, 350W HalfBrick Family DC/DC Power Modules: 48V in, 28V/12.5A out
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

H48SN28012 Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ELECTRICAL CHARACTERISTICS CURVES
0.0
5.0
10.0
15.0
20.0
25.0
30.0
02468
10
12
14
16
18
20
LOAD CURRENT (A)
Vin=48V
Figure 14: Output voltage ripple at nominal input voltage and
rated load current (20 mV/div). Load capacitance:330uF
aluminum, 1µF ceramic capacitor and 10µFlow ESR capacitor.
Bandwidth: 20 MHz. Scope measurement should be made
using a BNC cable (length shorter than 20 inches). Position the
load between 51 mm to 76 mm (2 inches to 3 inches) from the
module.
Figure 15: Output voltage vs. load current showing typical
current limit curves and converter shutdown points.
H48SN28012_09262006
7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn