Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSDEMP11XV6T5 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSDEMP11XV6T5
Description  Common Anode Quad Array Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSDEMP11XV6T5 Datasheet(HTML) 2 Page - ON Semiconductor

  NSDEMP11XV6T5 Datasheet HTML 1Page - ON Semiconductor NSDEMP11XV6T5 Datasheet HTML 2Page - ON Semiconductor NSDEMP11XV6T5 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NSDEMP11XV6T1, NSDEMP11XV6T5
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Condition
Min
Max
Unit
Reverse Voltage Leakage Current
IR
VR = 70 V
0.1
mAdc
Forward Voltage
VF
IF = 100 mA
1.2
Vdc
Reverse Breakdown Voltage
VR
IR = 100 mA
0
Vdc
Diode Capacitance
CD
VR = 6.0 V, f = 1.0 MHz
3.5
pF
Reverse Recovery Time
trr (Note 3)
IF = 5.0 mA, VR = 6.0 V, RL = 100 W, Irr = 0.1 IR
4.0
ns
3. trr Test Circuit for NSDEMP11XV6T1 in Figure 4.
TYPICAL ELECTRICAL CHARACTERISTICS
100
0.2
0.4
VF, FORWARD VOLTAGE (VOLTS)
0.6
0.8
1.0
1.2
10
1.0
0.1
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
10
20
30
40
50
1.75
0
VR, REVERSE VOLTAGE (VOLTS)
1.5
1.25
1.0
0.75
24
6
8
Figure 1. Forward Voltage
Figure 2. Reverse Current
Figure 3. Diode Capacitance
TA = 150°C
TA = 125°C
TA = 85°C
TA = 55°C
TA = 25°C
TA = 85°C
TA = −40°C
TA = 25°C
A
RL
tr
tp
t
10%
90%
VR
tp = 2 ms
tr = 0.35 ns
IF
trr
t
Irr = 0.1 IR
IF = 5.0 mA
VR = 6 V
RL = 100 W
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
OUTPUT PULSE
Figure 4. Reverse Recovery Time Test Circuit for the NSDEMP11XV6T1


Similar Part No. - NSDEMP11XV6T5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSDEMP11XV6T5 ONSEMI-NSDEMP11XV6T5 Datasheet
49Kb / 4P
   Common Anode Quad Array Switching Diode
February, 2003 - Rev. 1
NSDEMP11XV6T5 ONSEMI-NSDEMP11XV6T5 Datasheet
53Kb / 4P
   Common Anode Quad Array Switching Diod
February, 2003 - Rev. 1
More results

Similar Description - NSDEMP11XV6T5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSDEMP11XV6T1 ONSEMI-NSDEMP11XV6T1 Datasheet
49Kb / 4P
   Common Anode Quad Array Switching Diode
February, 2003 - Rev. 1
NSEMP11XV6T1 ONSEMI-NSEMP11XV6T1 Datasheet
53Kb / 4P
   Common Anode Quad Array Switching Diod
February, 2003 - Rev. 1
NSDEMN11XV6T1 ONSEMI-NSDEMN11XV6T1 Datasheet
50Kb / 6P
   Common Cathode Quad Array Switching Diode
February, 2003 - Rev. 1
NSDEMN11DXV6T1 ONSEMI-NSDEMN11DXV6T1 Datasheet
54Kb / 4P
   Common Cathode Quad Array Switching Diode
May, 2006 ??Rev. 2
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
   Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
SBAW56LT1G ONSEMI-SBAW56LT1G Datasheet
121Kb / 4P
   Dual Switching Diode Common Anode
September, 2012 ??Rev. 8
BAW56L ONSEMI-BAW56L Datasheet
94Kb / 4P
   Dual Switching Diode Common Anode
October, 2016 ??Rev. 10
logo
Siemens Semiconductor G...
BAW56 SIEMENS-BAW56 Datasheet
97Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAW56W SIEMENS-BAW56W Datasheet
70Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common anode)
logo
ON Semiconductor
BAW56LT1G ONSEMI-BAW56LT1G Datasheet
129Kb / 4P
   Dual Switching Diode Common Anode
August, 2009 ??Rev. 6
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com