Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBC114EPDXV6T1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NSBC114EPDXV6T1
Description  Dual Bias Resistor Transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC114EPDXV6T1 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NSBC114EPDXV6T1 Datasheet HTML 3Page - ON Semiconductor NSBC114EPDXV6T1 Datasheet HTML 4Page - ON Semiconductor NSBC114EPDXV6T1 Datasheet HTML 5Page - ON Semiconductor NSBC114EPDXV6T1 Datasheet HTML 6Page - ON Semiconductor NSBC114EPDXV6T1 Datasheet HTML 7Page - ON Semiconductor NSBC114EPDXV6T1 Datasheet HTML 8Page - ON Semiconductor NSBC114EPDXV6T1 Datasheet HTML 9Page - ON Semiconductor NSBC114EPDXV6T1 Datasheet HTML 10Page - ON Semiconductor NSBC114EPDXV6T1 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NSBC114EPDXV6T1, NSBC114EPDXV6T5
http://onsemi.com
7
TYPICAL ELECTRICAL CHARACTERISTICS − NSBC124EPDXV6T1 NPN TRANSISTOR
Figure 12. VCE(sat) versus IC
Figure 13. DC Current Gain
Figure 14. Output Capacitance
Figure 15. Output Current versus Input Voltage
1000
10
IC, COLLECTOR CURRENT (mA)
TA =75°C
25°C
−25°C
100
10
1
100
75°C
25°C
100
0
Vin, INPUT VOLTAGE (VOLTS)
10
1
0.1
0.01
0.001
24
68
10
TA =−25°C
0
IC, COLLECTOR CURRENT (mA)
100
TA =−25°C
75°C
10
1
0.1
10
20
30
40
50
25°C
Figure 16. Input Voltage versus Output
Current
0.001
TA =−25°C
75°C
25°C
0.01
0.1
1
40
IC, COLLECTOR CURRENT (mA)
0
20
50
50
0
10
203040
4
3
2
1
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
IC/IB = 10
VCE = 10 V
f = 1 MHz
IE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V


Similar Part No. - NSBC114EPDXV6T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC114EPDXV6T1G ONSEMI-NSBC114EPDXV6T1G Datasheet
164Kb / 14P
   Dual Bias Resistor Transistors
November, 2008 ??Rev. 5
NSBC114EPDXV6T1G ONSEMI-NSBC114EPDXV6T1G Datasheet
181Kb / 15P
   Dual Bias Resistor Transistors
January, 2012 ??Rev. 7
NSBC114EPDXV6T1G ONSEMI-NSBC114EPDXV6T1G Datasheet
99Kb / 10P
   Complementary Bias Resistor Transistors
May, 2014 ??Rev. 2
More results

Similar Description - NSBC114EPDXV6T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com