Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ00 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL27WZ00
Description  Dual 2?묲nput NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ00 Datasheet(HTML) 3 Page - ON Semiconductor

  NL27WZ00 Datasheet HTML 1Page - ON Semiconductor NL27WZ00 Datasheet HTML 2Page - ON Semiconductor NL27WZ00 Datasheet HTML 3Page - ON Semiconductor NL27WZ00 Datasheet HTML 4Page - ON Semiconductor NL27WZ00 Datasheet HTML 5Page - ON Semiconductor NL27WZ00 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NL27WZ00
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Parameter
Condition
Symbol
VCC
(V)
TA = 255C
*405C v TA v 855C
Unit
Min
Typ
Max
Min
Max
High−Level Input
Voltage
VIH
1.65
2.3 to 5.5
0.75 VCC
0.7 VCC
0.75 VCC
0.7 VCC
V
Low−Level Input
Voltage
VIL
1.65
2.3 to 5.5
0.25 VCC
0.3 VCC
0.25
0.3 VCC
V
High−Level Output
Voltage
VIN = VIL or VIH
IOH = −100 mA
IOH = −4 mA
IOH = −8 mA
IOH = −12 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
VOH
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
VCC
1.5
2.1
2.4
2.7
2.5
4.0
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
V
Low−Level Output
Voltage
VIN = VIH or VOH
IOL = 100 mA
IOL = 4 mA
IOL = 8 mA
IOL = 12 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
VOL
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
0.0
0.08
0.20
0.22
0.28
0.38
0.42
0.1
0.24
0.3
0.4
0.4
0.55
0.55
0.1
0.24
0.3
0.4
0.4
0.55
0.55
V
Input Leakage
Current
VIN = VCC or GND
IIN
0 to 5.5
$0.1
$1.0
mA
Quiescent Supply
Current
VIN = VCC or GND
ICC
5.5
1.0
10
mA
AC ELECTRICAL CHARACTERISTICS tR = tF = 3.0 ns
Parameter
Condition
Symbol
VCC
(V)
TA = 255C
*405C v TA v 855C
Unit
Min
Typ
Max
Min
Max
Propagation Delay
(Figure 3 and 4)
RL = 1 MW, CL = 15 pF
tPLH
tPHL
1.8
$ 0.15
2.0
5.7
10.5
2.0
11.0
ns
2.5
$ 0.2
1.2
3.2
5.3
1.2
5.7
RL = 1 MW, CL = 15 pF
3.3
$ 0.3
0.8
2.4
3.7
0.8
4.0
RL = 500 W, CL = 50 pF
1.2
3.0
4.6
1.2
4.9
RL = 1 MW, CL = 15 pF
5.0
$ 0.5
0.5
1.9
2.9
0.5
3.2
RL = 500 W, CL = 50 pF
0.8
2.4
3.6
0.8
3.9
CAPACITIVE CHARACTERISTICS
Parameter
Condition
Symbol
Typical
Unit
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
CIN
2.5
pF
Power Dissipation Capacitance
(Note 7)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
CPD
9
11
pF
7. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NL27WZ00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
185Kb / 11P
   Dual 2-Input NAND Gate
January, 2019 ??Rev. 13
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
NL27WZ00MQ1TCG ONSEMI-NL27WZ00MQ1TCG Datasheet
185Kb / 11P
   Dual 2-Input NAND Gate
January, 2019 ??Rev. 13
More results

Similar Description - NL27WZ00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ00 ONSEMI-NL17SZ00_06 Datasheet
68Kb / 6P
   Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC20 ONSEMI-MC74AC20_06 Datasheet
122Kb / 8P
   Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
NL27WZ32 ONSEMI-NL27WZ32_06 Datasheet
63Kb / 5P
   Dual 2?묲nput OR Gate
April, 2006 ??Rev. 6
NL27WZ08 ONSEMI-NL27WZ08_06 Datasheet
62Kb / 5P
   Dual 2?묲nput AND Gate
April, 2006 ??Rev. 4
NL27WZ02 ONSEMI-NL27WZ02_06 Datasheet
63Kb / 5P
   Dual 2?묲nput NOR Gate
May, 2006 ??Rev. 8
NL27WZ86 ONSEMI-NL27WZ86_05 Datasheet
131Kb / 6P
   Dual 2?묲nput Exclusive?뭀R Gate
September, 2005 ??Rev. 3
logo
Leshan Radio Company
L74VHC1G132 LRC-L74VHC1G132 Datasheet
179Kb / 6P
   2?묲nput NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHC1G132 ONSEMI-MC74VHC1G132_07 Datasheet
73Kb / 6P
   2?묲nput NAND Schmitt?뭈rigger
February, 2007 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com