Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ00 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NL27WZ00
Description  Dual 2?묲nput NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ00 Datasheet(HTML) 2 Page - ON Semiconductor

  NL27WZ00_06 Datasheet HTML 1Page - ON Semiconductor NL27WZ00_06 Datasheet HTML 2Page - ON Semiconductor NL27WZ00_06 Datasheet HTML 3Page - ON Semiconductor NL27WZ00_06 Datasheet HTML 4Page - ON Semiconductor NL27WZ00_06 Datasheet HTML 5Page - ON Semiconductor NL27WZ00_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NL27WZ00
http://onsemi.com
2
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
DC Supply Voltage
VCC
*0.5 to )7.0
V
DC Input Voltage
VI
*0.5 to )7.0
V
DC Output Voltage
VO
*0.5 to )7.0
V
DC Input Diode Current
VI < GND
IIK
*50
mA
DC Output Diode Current
VO < GND
IOK
*50
mA
DC Output Sink Current
IO
$50
mA
DC Supply Current per Supply Pin
ICC
$100
mA
DC Ground Current per Ground Pin
IGND
$100
mA
Storage Temperature Range
TSTG
*65 to )150
°C
Lead Temperature, 1 mm from Case for 10 Seconds
TL
260
°C
Junction Temperature under Bias
TJ
)150
°C
Thermal Resistance (Note 1)
qJA
250
°C/W
Power Dissipation in Still Air at 85
°C
PD
250
mW
Moisture Sensitivity
MSL
Level 1
Flammability Rating
Oxygen Index: 28 to 34
FR
UL 94 V−0 @ 0.125 in
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
VESD
> 2000
> 200
N/A
V
Latchup Performance
Above VCC and Below GND at 85°C (Note 5)
ILatchup
$500
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
Operating
Data Retention Only
VCC
1.65
1.5
5.5
5.5
V
Input Voltage (Note 6)
VI
0
5.5
V
Output Voltage
(HIGH or LOW State)
VO
0
VCC
V
Operating Free−Air Temperature
TA
*40
)85
°C
Input Transition Rise or Fall Rate
VCC = 2.5 V $0.2 V
VCC = 3.0 V $0.3 V
VCC = 5.0 V $0.5 V
Dt/DV
0
0
0
20
10
5
ns/V
6. Unused inputs may not be left open. All inputs must be tied to a high− or low−logic input voltage level.


Similar Part No. - NL27WZ00_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ00MQ1TCG ONSEMI-NL27WZ00MQ1TCG Datasheet
185Kb / 11P
   Dual 2-Input NAND Gate
January, 2019 ??Rev. 13
NL27WZ00MQ1TCG ONSEMI-NL27WZ00MQ1TCG Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
NL27WZ00MQ2TCG ONSEMI-NL27WZ00MQ2TCG Datasheet
185Kb / 11P
   Dual 2-Input NAND Gate
January, 2019 ??Rev. 13
NL27WZ00MQ2TCG ONSEMI-NL27WZ00MQ2TCG Datasheet
186Kb / 11P
   Dual 2-Input OR Gate
January, 2019 ??Rev. 11
NL27WZ00MQ2TCG ONSEMI-NL27WZ00MQ2TCG Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
More results

Similar Description - NL27WZ00_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ00 ONSEMI-NL17SZ00_06 Datasheet
68Kb / 6P
   Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC20 ONSEMI-MC74AC20_06 Datasheet
122Kb / 8P
   Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
NL27WZ32 ONSEMI-NL27WZ32_06 Datasheet
63Kb / 5P
   Dual 2?묲nput OR Gate
April, 2006 ??Rev. 6
NL27WZ08 ONSEMI-NL27WZ08_06 Datasheet
62Kb / 5P
   Dual 2?묲nput AND Gate
April, 2006 ??Rev. 4
NL27WZ02 ONSEMI-NL27WZ02_06 Datasheet
63Kb / 5P
   Dual 2?묲nput NOR Gate
May, 2006 ??Rev. 8
NL27WZ86 ONSEMI-NL27WZ86_05 Datasheet
131Kb / 6P
   Dual 2?묲nput Exclusive?뭀R Gate
September, 2005 ??Rev. 3
logo
Leshan Radio Company
L74VHC1G132 LRC-L74VHC1G132 Datasheet
179Kb / 6P
   2?묲nput NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHC1G132 ONSEMI-MC74VHC1G132_07 Datasheet
73Kb / 6P
   2?묲nput NAND Schmitt?뭈rigger
February, 2007 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com