Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1216EX5R110J Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CC1216EX5R110J
Description  CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CC1216EX5R110J Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CC1216EX5R110J Datasheet HTML 1Page - List of Unclassifed Manufacturers CC1216EX5R110J Datasheet HTML 2Page - List of Unclassifed Manufacturers CC1216EX5R110J Datasheet HTML 3Page - List of Unclassifed Manufacturers CC1216EX5R110J Datasheet HTML 4Page - List of Unclassifed Manufacturers CC1216EX5R110J Datasheet HTML 5Page - List of Unclassifed Manufacturers CC1216EX5R110J Datasheet HTML 6Page - List of Unclassifed Manufacturers CC1216EX5R110J Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
http://www.tcatdk.com/3a3a.html
CAPACITORS
Ceramic Chip
TDK`s new Sub-Miniature chip capacitor additions answer the electronics industry`s
need for higher density packaging. TDK`s advanced technology allows for smaller size,
highest capacitance, increased reliability, and automated assembly. Applications include
computers and peripherals, telecommunications, measuring and medical equipment, and
any application that requires miniaturization.
Capacitance Range
10pF to
lVrms, 1kHz 25
NPO 1,000pF and less: 1MHz
Capacitance Tolerance
Operating Temperature Range
At the same condition as temperature
characteristics
Working Voltage (DC WV)
6.3V, 10V, 16V, 25V, 50V
Dielectric Strength
250% DC WV
Insulation Resistance (DC WV) (I.R.)
Greater than 10G ohms or 500 ohms-F whichever
is smaller
16V, 10V, 6.3V: 10G ohms or 100 ohms-F
whichever is smaller
Electrical Specification
Part Number Configuration
1
of 2
97/11/10 AM 9:28
DOC. NO. 22CB-000111
PART NO. 2203-000013


Similar Part No. - CC1216EX5R110J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC1210 ETC1-CC1210 Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
TDK Electronics
CC1210 TDK-CC1210 Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
logo
Silicon Laboratories
CC1210 SILABS-CC1210 Datasheet
671Kb / 38P
   Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
logo
YAGEO Corporation
CC1210 YAGEO-CC1210 Datasheet
389Kb / 16P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage: NP0 X7R (Pb Free & RoHS compliant)
CC1210BC7BN YAGEO-CC1210BC7BN Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1216EX5R110J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32332 TDK-B32332 Datasheet
260Kb / 8P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335 TDK-B32335_16 Datasheet
258Kb / 9P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32356 TDK-B32356_16 Datasheet
145Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
   Film capacitors - AC capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335-450 TDK-B32335-450 Datasheet
362Kb / 7P
   Film Capacitors ??AC capacitors Motor run capacitors
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com