Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ126 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL17SZ126
Description  Non?묲nverting 3?뭆tate Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ126 Datasheet(HTML) 1 Page - ON Semiconductor

  NL17SZ126_06 Datasheet HTML 1Page - ON Semiconductor NL17SZ126_06 Datasheet HTML 2Page - ON Semiconductor NL17SZ126_06 Datasheet HTML 3Page - ON Semiconductor NL17SZ126_06 Datasheet HTML 4Page - ON Semiconductor NL17SZ126_06 Datasheet HTML 5Page - ON Semiconductor NL17SZ126_06 Datasheet HTML 6Page - ON Semiconductor NL17SZ126_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 5
1
Publication Order Number:
NL17SZ126/D
NL17SZ126
Non−Inverting 3−State
Buffer
The NL17SZ126 is a high performance single noninverting buffer
operating from a 1.65 V to 5.5 V supply.
Features
Extremely High Speed: tPD 2.6 ns (typical) at VCC = 5.0 V
Designed for 1.65 V to 5.5 V VCC Operation
Over Voltage Tolerant Inputs and Outputs
LVTTL Compatible − Interface Capability With 5.0 V TTL Logic
with VCC = 3.0 V
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current Substantially Reduces System
Power Requirements
3−State OE Input is Active HIGH
Replacement for NC7SZ126
Chip Complexity = 36 Feet
Pb−Free Packages are Available
Figure 1. Pinout (Top View)
VCC
OE
IN A
OUT Y
GND
IN A
OUT Y
OE
Figure 2. Logic Symbol
1
2
3
4
5
PIN ASSIGNMENT
1
2
3
GND
OE
IN A
4
5VCC
OUT Y
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
FUNCTION TABLE
H
H
L
OE Input
Y Output
L
H
Z
A Input
L
H
X
MARKING
DIAGRAM
X = Don’t Care
http://onsemi.com
SC−88A (SOT−353)
DF SUFFIX
CASE 419A
SOT−553
XV5 SUFFIX
CASE 463B
M2 M
G
G
M2 = Specific Device Code
D
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may vary
depending upon manufacturing location.
M2 M
G
G


Similar Part No. - NL17SZ126_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ126DBVT1G ONSEMI-NL17SZ126DBVT1G Datasheet
191Kb / 13P
   Non-Inverting 3-State Buffer
November, 2018 ??Rev. 15
NL17SZ126DBVT1G ONSEMI-NL17SZ126DBVT1G Datasheet
160Kb / 13P
   Non-Inverting 3-State Buffer
June, 2022 - Rev. 18
NL17SZ126DFT2G ONSEMI-NL17SZ126DFT2G Datasheet
114Kb / 7P
   Non-Inverting 3-State Buffer
May, 2012 ??Rev. 10
NL17SZ126DFT2G ONSEMI-NL17SZ126DFT2G Datasheet
89Kb / 9P
   Non-Inverting 3-State Buffer
September, 2016 ??Rev. 14
NL17SZ126DFT2G ONSEMI-NL17SZ126DFT2G Datasheet
191Kb / 13P
   Non-Inverting 3-State Buffer
November, 2018 ??Rev. 15
More results

Similar Description - NL17SZ126_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_06 Datasheet
113Kb / 7P
   Hex Non?묲nverting 3?뭆tate Buffer
June, 2006 ??Rev. 7
74HC373 ONSEMI-74HC373 Datasheet
129Kb / 9P
   Octal 3?뭆tate Non?묲nverting Transparent Latch
March, 2007 ??Rev. 0
74HC374 ONSEMI-74HC374 Datasheet
130Kb / 9P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop
March, 2007 ??Rev. 0
MC74AC652 ONSEMI-MC74AC652 Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
MC74HCT541A ONSEMI-MC74HCT541A_06 Datasheet
108Kb / 8P
   Octal 3?뭆tate Non?묲nverting Buffer/Line Driver/ Line Receiver With LSTTL?묬ompatible Inputs
June, 2006 ??Rev. 5
NL7SZ18 ONSEMI-NL7SZ18 Datasheet
71Kb / 7P
   1?뭥f?? Non?묲nverting Demultiplexer with 3?뭆tate Deselected Output
November, 2006 ??Rev. 6
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX244 ONSEMI-MC74LCX244_07 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74HC373A ONSEMI-MC74HC373A_05 Datasheet
119Kb / 10P
   Octal 3?뭆tate Non?묲nverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com