Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FL75L10A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part No. FL75L10A
Description  Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

FL75L10A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FL75R10A Filter Module
75Vdc Input Maximum, 10A Maximum
FEATURES
RoHS Compliant
Small size: 25.4mm x 25.4mm x 12.0mm
(1.0” x 1.0” x 0.47”)
Industry standard footprint and pin-out
Surface mount or through hole pins
Optimized for use with high frequency
board mounted DC/DC converters
Printed-circuit board mountable
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) Recognized,
VDE 0805 (IEC60950) Licensed
Delphi Series Filter Module - FL75L07
0~75Vdc input, 7A Current Rating
The Delphi series FL75L07 filter module is the latest offering from a
world leader in power systems technology and manufacturing – Delta
Electronics, Inc. This filter module is designed to reduce the conducted
common-mode and differential-mode noise on input or output lines of
high-frequency switching power supplies and has a maximum current
rating of 7A. It has the industry standard footprint and pin-out. With
creative design technology and optimization of component placement,
Delphi FL75L07 filter module possesses outstanding electrical and
thermal performance, as well as extremely high reliability under highly
stressful operating conditions.
APPLICATIONS
Common-mode and differential-mode
filtering of power supply dc input and
output line
Computer application
Communications equipment
DATASHEET
DS_FL75L07_ 11272006


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn