Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E48SR15004 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part No. E48SR15004
Description  Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

E48SR15004 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FEATURES
High Efficiency: 91.5% @ 15V/4A
Size: 58.4mmx22.8mmx8.35mm
(2.30”x0.90”x0.33”)
Standard footprint
Industry standard pin out
Fixed frequency operation: 350KHz
Input UVLO, Output OCP, OVP, OTP
Basic insulation
No minimum load required
2:1 Input voltage range
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada)
recognized, and TUV (EN60950) certified
CE mark meets 73/23/EEC and
93/68/EEC directive
Delphi Series E48SR, 66W Eighth Brick Family
DC/DC Power Modules: 48V in, 15V/4A out
The Delphi Series E48SR Eighth Brick, 48V input, single output, isolated
DC/DC converter is the latest offering from a world leader in power
systems technology and manufacturing — Delta Electronics, Inc. This
product family provides up to 66 watts of power or 25A of output current
(1.8V and below) in an industry standard footprint. With creative design
technology and optimization of component placement, these converters
possess outstanding electrical and thermal performances, as well as
extremely high reliability under highly stressful operating conditions. All
models are fully protected from abnormal input/output voltage, current,
and temperature conditions. The Delphi Series converters meet all safety
requirements with basic insulation.
OPTIONS
Positive On/Off logic
Short pin lengths
SMD pin
APPLICATIONS
Telecom/Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Testing Equipment
DATASHEET
DS_E48SR15004_03022007


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn