Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT251G2DXXX-SLSUM Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT251G2DXXX-SLSUM
Description  8/16-bit Microcontroller with Serial Communication Interfaces
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT251G2DXXX-SLSUM Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT251G2DXXX-SLSUM Datasheet HTML 6Page - ATMEL Corporation AT251G2DXXX-SLSUM Datasheet HTML 7Page - ATMEL Corporation AT251G2DXXX-SLSUM Datasheet HTML 8Page - ATMEL Corporation AT251G2DXXX-SLSUM Datasheet HTML 9Page - ATMEL Corporation AT251G2DXXX-SLSUM Datasheet HTML 10Page - ATMEL Corporation AT251G2DXXX-SLSUM Datasheet HTML 11Page - ATMEL Corporation AT251G2DXXX-SLSUM Datasheet HTML 12Page - ATMEL Corporation AT251G2DXXX-SLSUM Datasheet HTML 13Page - ATMEL Corporation AT251G2DXXX-SLSUM Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
10
AT/TSC8x251G2D
4135F–8051–11/06
Note:
The description of A15:8/P2.7:0 and AD7:0/P0.7:0 are for the Non-Page mode chip con-
figuration. If the chip is configured in Page mode operation, port 0 carries the lower
address bits (A7:0) while port 2 carries the upper address bits (A15:8) and the data
(D7:0).
XTAL2
O
Output of the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected to this
pin. If an external oscillator is used, leave XTAL2 unconnected.
Table 2.
Product Name Signal Description (Continued)
Signal
Name
Type
Description
Alternate
Function


Similar Part No. - AT251G2DXXX-SLSUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
178Kb / 12P
   SPI Serial E2PROMs
AT25128 ATMEL-AT25128 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
AT25128-10CC ATMEL-AT25128-10CC Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25128-10CC-1.8 ATMEL-AT25128-10CC-1.8 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
More results

Similar Description - AT251G2DXXX-SLSUM

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
logo
RDC Semiconductor
R8830LV RDC-R8830LV Datasheet
1,001Kb / 97P
   16-Bit Microcontroller with 8-bit external data bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com