Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E48SH05020 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part No. E48SH05020
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

E48SH05020 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FEATURES
High efficiency: 90% @5V/20A
Size: 58.4mm x 22.8mm x 9.5mm
(2.30”x0.90”x0.37”)
Industry standard pin out
Fixed frequency operation
Input UVLO, Output OTP, OCP, OVP
Monotonic startup into normal and
pre-biased loads
Very fast transient response
2250V Isolation and basic insulation
No minimum load required
SMD and through-hole versions
No negative current during power or enable
on/off
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) recognized,
and TUV (EN60950) certified
CE mark meets 73/23/EEC and 93/68/EEC
directive
Delphi Series E48SH, 120W Eighth Brick Family
DC/DC Power Modules: 48V in, 5V/20A out
The Delphi Series E48SH Eighth Brick, 48V input, single output, isolated
DC/DC converters are the latest offering from a world leader in power
systems technology and manufacturing ― Delta Electronics, Inc. This
product family is available in either a through-hole or surface-mounted
package and provides up to 120 watts of power or 50A of output current
(1.2V and below) in an industry standard footprint and pinout. The
E48SH converter operates from an input voltage of 36V to 75V and is
available in output voltages from 1.0V to 15V. Efficiency is up to 90% for
5V output at 20A full load. With creative design technology and
optimization of component placement, these converters possess
outstanding electrical and thermal performance, as well as extremely
high reliability under highly stressful operating conditions. All models are
fully protected from abnormal input/output voltage, current, and
temperature conditions. The Delphi Series converters meet all safety
requirements with basic insulation.
OPTIONS
Positive On/Off logic
Short pin lengths available
External Synchronization
Output OVP latch mode
Output OCP latch mode
Heat spreader
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
DATASHEET
DS_E48SH05020_02272007


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn