Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC251G2DXXX-24IA Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TSC251G2DXXX-24IA
Description  8/16-bit Microcontroller with Serial Communication Interfaces
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC251G2DXXX-24IA Datasheet(HTML) 1 Page - ATMEL Corporation

  TSC251G2DXXX-24IA Datasheet HTML 1Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 2Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 3Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 4Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 5Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 6Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 7Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 8Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
Rev. 4135F–8051–11/06
1
Features
Pin and Software Compatibility with Standard 80C51 Products and 80C51Fx/Rx/Rx+
Plug-In Replacement of Intel’s 8xC251Sx
C251 Core: Intel’s MCS®251 D-step Compliance
40-byte Register File
Registers Accessible as Bytes, Words or Dwords
Three-stage Instruction Pipeline
16-bit Internal Code Fetch
Enriched C51 Instruction Set
16-bit and 32-bit ALU
Compare and Conditional Jump Instructions
Expanded Set of Move Instructions
Linear Addressing
1 Kbyte of On-Chip RAM
External Memory Space (Code/Data) Programmable from 64 kilobytes to 256 kilobytes
TSC87251G2D: 32 kilobytes of On-Chip EPROM/OTPROM
– SINGLE PULSE Programming Algorithm
TSC83251G2D: 32 kilobytes of On-Chip Masked ROM
TSC80251G2D: ROMless Version
Four 8-bit Parallel I/O Ports (Ports 0, 1, 2 and 3 of the Standard 80C51)
Serial I/O Port: Full Duplex UART (80C51 Compatible) With Independent Baud Rate
Generator
SSLC: Synchronous Serial Link Controller
TWI Multi-master Protocol
μWire and SPI Master and Slave Protocols
Three 16-bit Timers/Counters (Timers 0, 1 and 2 of the Standard 80C51)
EWC: Event and Waveform Controller
Compatible with Intel’s Programmable Counter Array (PCA)
Common 16-bit Timer/Counter Reference with Four Possible Clock Sources (Fosc/4,
Fosc/12, Timer 1 and External Input)
Five Modules, Each with Four Programmable Modes:
– 16-bit Software Timer/Counter
– 16-bit Timer/Counter Capture Input and Software Pulse Measurement
– High-speed Output and 16-bit Software Pulse Width Modulation (PWM)
– 8-bit Hardware PWM Without Overhead
16-bit Watchdog Timer/Counter Capability
Secure 14-bit Hardware Watchdog Timer
Power Management
Power-On Reset (Integrated on the Chip)
Power-Off Flag (Cold and Warm Resets)
Software Programmable System Clock
Idle Mode
Power-down Mode
Keyboard Interrupt Interface on Port 1
Non Maskable Interrupt Input (NMI)
Real-Time Wait States Inputs (WAIT#/AWAIT#)
ONCE Mode and Full Speed Real-time In-circuit Emulation Support (Third Party
Vendors)
High Speed Versions:
– 4.5V to 5.5V
– 16 MHz and 24 MHz
Typical Operating Current: 35 mA at 24 MHz
24 mA at 16 MHz
Typical Power-down Current: 2 μA
Low Voltage Version:
– 2.7V to 5.5V
–16 MHz
8/16-bit
Microcontroller
with Serial
Communication
Interfaces
TSC80251G2D
TSC83251G2D
TSC87251G2D
AT80251G2D
AT83251G2D
AT87251G2D


Similar Part No. - TSC251G2DXXX-24IA

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC251G1DXXX-16CA TEMIC-TSC251G1DXXX-16CA Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC251G1DXXX-16CB TEMIC-TSC251G1DXXX-16CB Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC251G1DXXX-16CED TEMIC-TSC251G1DXXX-16CED Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC251G1DXXX-16IA TEMIC-TSC251G1DXXX-16IA Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC251G1DXXX-16IB TEMIC-TSC251G1DXXX-16IB Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
More results

Similar Description - TSC251G2DXXX-24IA

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
logo
RDC Semiconductor
R8830LV RDC-R8830LV Datasheet
1,001Kb / 97P
   16-Bit Microcontroller with 8-bit external data bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com