Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E48SH1R840 Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part No. E48SH1R840
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

E48SH1R840 Datasheet(HTML) 4 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ELECTRICAL CHARACTERISTICS CURVES
E48SH1R840_02272007
4
For Negative Remote On/Off Logic
Figure 4: Turn-on transient at zero load current (2 ms/div).
Vin=48V.Top Trace: Vout, 1V/div; Bottom Trace: ON/OFF input,
5V/div
Figure 5: Turn-on transient at full rated load current (constant
current load) (2 ms/div). Vin=48V.Top Trace: Vout, 1V/div;
Bottom Trace: ON/OFF input, 5V/div
For Input Voltage Start up
Figure 6: Turn-on transient at zero load current (2 ms/div).
Vin=48V.Top Trace: Vout, 1V/div, Bottom Trace: input voltage,
50V/div
Figure 7: Turn-on transient at full rated load current (constant
current load) (2 ms/div). Vin=48V.Top Trace: Vout, 1V/div;
Bottom Trace: input voltage, 50V/div


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn