Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E48SH1R540 Datasheet(PDF) 15 Page - Delta Electronics, Inc.

Part No. E48SH1R540
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH1R540 Datasheet(HTML) 15 Page - Delta Electronics, Inc.

Back Button E48SH1R540 Datasheet HTML 7Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 8Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 9Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 10Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 11Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 12Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 13Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 14Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
E48SH1R540_02272007
15
PART NUMBERING SYSTEM
E
48
S
H
1R5
40
N
R
F
A
Type of
Product
Input
Voltage
Number of
Outputs
Product
Series
Output
Voltage
Output
Current
ON/OFF
Logic
Pin Length
/Type
Option Code
E- Eighth
Brick
48-36V~75V
S- Single
H-50A series
1R5 - 1.5V
40 - 40A
N- Negative
P- Positive
R- 0.170”
N- 0.145”
K- 0.110”
M- SMD
F-RoHS 6/6
(Lead Free)
A- Standard
Functions
H - with
heatspreader
MODEL LIST
MODEL NAME
INPUT
OUTPUT
EFF @ 100% LOAD
E48SH1R250NRFA
36V~75V
2.3A
1.2V
50A
86.5%
E48SH1R540NRFA
36V~75V
2.2A
1.5V
40A
89%
E48SH1R840NRFA
36V~75V
2.7A
1.8V
40A
90%
E48SH2R535NRFA
36V~75V
2.9A
2.5V
35A
89.5%
E48SH3R330NRFA
36V~75V
3.6A
3.3V
30A
92%
E48SH05020NRFA
36V~75V
3.7A
5.0V
20A
90%
E48SH12010NRFA
36V~75V
4.3A
12V
10A
93.5%
Default remote on/off logic is negative and pin length is 0.170”
For different remote on/off logic and pin length, please refer to part numbering system above or contact your local sales
office.
CONTACT: www.delta.com.tw/dcdc
USA:
Telephone:
East Coast: (888) 335 8201
West Coast: (888) 335 8208
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Telephone: +41 31 998 53 11
Fax: +41 31 998 53 53
Email: DCDC@delta-es.tw
Asia & the rest of world:
Telephone: +886 3 4526107 x 6220
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon
request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for
its use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these
specifications at any time, without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn