Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E48SH1R540 Datasheet(PDF) 13 Page - Delta Electronics, Inc.

Part No. E48SH1R540
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH1R540 Datasheet(HTML) 13 Page - Delta Electronics, Inc.

Back Button E48SH1R540 Datasheet HTML 7Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 8Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 9Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 10Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 11Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 12Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 13Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 14Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MECHANICAL DRAWING (WITHOUT HEATSPREADER)
SURFACE-MOUNT MODULE
THROUGH-HOLE MODULE
Pin No.
Name
Function
1
2
3
4
5
6
7
8
+Vin
ON/OFF
-Vin
-Vout
-SENSE
TRIM
+SENSE
+Vout
Positive input voltage
Remote ON/OFF
Negative input voltage
Negative output voltage
Negative remote sense
Output voltage trim
Positive remote sense
Positive output voltage
E48SH1R540_02272007
13


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn