Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E48SH1R540 Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part No. E48SH1R540
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH1R540 Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button E48SH1R540 Datasheet HTML 6Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 7Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 8Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 9Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 10Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 11Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 12Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 13Page - Delta Electronics, Inc. E48SH1R540 Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
12.7 (0.5”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 20: Wind tunnel test setup
Thermal Derating
Heat can be removed by increasing airflow over the module.
The hottest point temperature of the module is 130℃. To
enhance system reliability; the power module should always
be operated below the maximum operating temperature. If
the temperature exceeds the maximum module temperature,
reliability of the unit may be affected.
THERMAL CURVES
Figure 21: Case temperature measurement location.
Pin locations are for reference only.
The allowed maximum hot spot temperature is defined at 130
E48SH1R540(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Transverse Orientation)
0
5
10
15
20
25
30
35
40
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
200LFM
400LFM
300LFM
100LFM
500LFM
Figure 22: Output current vs. ambient temperature and air velocity
@Vin= 48V (Transverse Orientation)
E48SH1R540_02272007
10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn