Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT83C5103XXX-ICSAL Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT83C5103XXX-ICSAL
Description  Low-pin Count 8-bit Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5103XXX-ICSAL Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT83C5103XXX-ICSAL Datasheet HTML 21Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 22Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 23Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 24Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 25Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 26Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 27Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 28Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
25
AT8xC5103
4134C–8051–09/04
Reset Value = 00010100b
Serial Peripheral Status Register
(SPSTA)
The Serial Peripheral Status Register contains flags to signal the following conditions:
Data transfer complete
Write collision
Inconsistent logic level on SS pin (mode fault error)
Table 12 describes the SPSTA register and explains the use of every bit in the register.
Reset Value = 00X0XXXXb
0
SPR0
R/W
100: FCLK PERIPH /32
101: FCLK PERIPH /64
110: FCLK PERIPH /128
111: Don’t Use
Bit
Number
Bit Mnemonic
R/W Mode Description
Table 12. SPSTA: Serial Peripheral Status and Control Register - SPSTA (S:C4h)
76
543210
SPIF
WCOL
SSERR
MODF
-
-
-
-
Bit
Number
Bit Mnemonic R/W Mode Description
7
SPIF
R
Serial Peripheral Data Transfer Flag
Clear by hardware to indicate data transfer is in progress or has been approved by a clearing sequence.
Set by hardware to indicate that the data transfer has been completed.
6WCOL
R
Write Collision Flag
Cleared by hardware to indicate that no collision has occurred or has been approved by a clearing sequence.
Set by hardware to indicate that a collision has been detected.
5
SSERR
R
Synchronous Serial Slave Error Flag
Set by hardware when SS is deasserted before the end of a received data.
Cleared by disabling the SPI (clearing SPEN bit in SPCON).
4MODF
R
Mode Fault
Cleared by hardware to indicate that the SS pin is at appropriate logic level, or has been approved by a
clearing sequence.
Set by hardware to indicate that the SS pin is at inappropriate logic level
3-
R/W
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2-
R/W
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1-
R/W
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0-
R/W
Reserved
The value read from this bit is indeterminate. Do not set this bit.


Similar Part No. - AT83C5103XXX-ICSAL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C5103XXX-ICSAL ATMEL-AT83C5103XXX-ICSAL Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT83C5103XXX-ICSAL ATMEL-AT83C5103XXX-ICSAL Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results

Similar Description - AT83C5103XXX-ICSAL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
logo
NXP Semiconductors
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com