Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT83C5103XXX-ICSAL Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT83C5103XXX-ICSAL
Description  Low-pin Count 8-bit Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5103XXX-ICSAL Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT83C5103XXX-ICSAL Datasheet HTML 8Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 9Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 10Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 11Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 12Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 13Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 14Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 15Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
12
AT8xC5103
4134C–8051–09/04
Ports
The AT8xC5103 has 3 I/O ports, port 1, port 3 and port 4.
Except RST, and port 4, all port 1 and port 3 I/O port pins on the AT8xC5103 may be
software configured to one of four types on a bit-by-bit basis, as shown in Table 2 These
are: quasi-bi-directional (standard 80C51 port outputs), push-pull, open drain, and input
only. Two configuration registers for each port choose the output type for each port pin.
Port Types
Quasi-Bi-directional Output
Configuration
The default port output configuration for standard AT8xC5103 I/O ports is the quasi-bi-
directional output that is common on the 80C51 and most of its derivatives. This output
type can be used as both an input and output without the need to reconfigure the port.
This is possible because when the port outputs a logic high, it is weakly driven, allowing
an external device to pull the pin low. When the pin is pulled low, it is driven strongly and
able to sink a fairly large current. These features are somewhat similar to an open drain
output except that there are three pull-up transistors in the quasi-bi-directional output
that serve different purposes. One of these pull-ups, called the ‘very weak’ pull-up, is
turned on whenever the port latch for the pin contains a logic 1. The very weak pull-up
sources a very small current that will pull the pin high if it is left floating. A second pull-
up, called the ‘weak’ pull-up, is turned on when the port latch for the pin contains a logic
1 and the pin itself is also at a logic 1 level. This pull-up provides the primary source cur-
rent for a quasi-bi-directional pin that is outputting a 1. If a pin that has a logic 1 on it is
pulled low by an external device, the weak pull-up turns off, and only the very weak pull-
up remains on. In order to pull the pin low under these conditions, the external device
has to sink enough current to overpower the weak pull-up and take the voltage on the
port pin below its input threshold.
The third pull-up is referred to as the ‘strong’ pull-up. This pull-up is used to speed up
low-to-high transitions on a quasi-bi-directional port pin when the port latch changes
from a logic 0 to a logic 1. When this occurs, the strong pull-up turns on for a brief time,
two CPU clocks, in order to pull the port pin high quickly. Then it turns off again.
The quasi-bi-directional port configuration is shown in Figure 3.
PxM1.y BIt
PxM2.y Bit
Port Output Mode
0
0
Quasi bi-directional
0
1
Push-pull
1
0
Input Only (High Impedance)
1
1
Open Drain


Similar Part No. - AT83C5103XXX-ICSAL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C5103XXX-ICSAL ATMEL-AT83C5103XXX-ICSAL Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT83C5103XXX-ICSAL ATMEL-AT83C5103XXX-ICSAL Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results

Similar Description - AT83C5103XXX-ICSAL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
logo
NXP Semiconductors
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com