Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E24SR12005NMFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # E24SR12005NMFA
Description  Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E24SR12005NMFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button E24SR12005NMFA Datasheet HTML 6Page - Delta Electronics, Inc. E24SR12005NMFA Datasheet HTML 7Page - Delta Electronics, Inc. E24SR12005NMFA Datasheet HTML 8Page - Delta Electronics, Inc. E24SR12005NMFA Datasheet HTML 9Page - Delta Electronics, Inc. E24SR12005NMFA Datasheet HTML 10Page - Delta Electronics, Inc. E24SR12005NMFA Datasheet HTML 11Page - Delta Electronics, Inc. E24SR12005NMFA Datasheet HTML 12Page - Delta Electronics, Inc. E24SR12005NMFA Datasheet HTML 13Page - Delta Electronics, Inc. E24SR12005NMFA Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
12.7 (0.5”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 20: Wind tunnel test setup figure
Thermal Derating
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power module
should always be operated below the maximum operating
temperature. If the temperature exceeds the maximum
module temperature, reliability of the unit may be affected.
THERMAL CURVES
Figure 21:
Hot spot temperature measured point
The allowed maximum hot spot temperature is defined at 125
E24SR12005(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 24V (Transverse Orientation)
0
1
2
3
4
5
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
Figure 22: Output current vs. ambient temperature and air velocity
@Vin=24V (Transverse Orientation)
DS_E24SR12005_ 01182007
10


Similar Part No. - E24SR12005NMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E24SR12005NMFA DELTA-E24SR12005NMFA Datasheet
513Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
More results

Similar Description - E24SR12005NMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E24SR12005NRFA DELTA-E24SR12005NRFA Datasheet
513Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
E24SR06508NRFA DELTA-E24SR06508NRFA Datasheet
483Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR3R320 DELTA-E24SR3R320 Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
E24SR05012 DELTA-E24SR05012 Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E24SR06508 DELTA-E24SR06508 Datasheet
770Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR3R320NRFA DELTA-E24SR3R320NRFA_08 Datasheet
587Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
E48SR12005 DELTA-E48SR12005 Datasheet
774Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com