Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E48SB9R625NRFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # E48SB9R625NRFA
Description  Delphi Series E48SB, 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin, 9.6V/25A out
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SB9R625NRFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E48SB9R625NRFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SB9R625NRFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SB9R625NRFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SB9R625NRFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SB9R625NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SB9R625NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SB9R625NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SB9R625NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SB9R625NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FEATURES
High efficiency: 96.5% @ 9.6V/25A
Size: 58.4mm x 22.8mm x 11.3mm
(2.28” x 0.90” x 0.44”)
Industry standard pinout
Fully protected: Input UVLO, OVP, Output
OCP and OTP
240W constant power output
Parallelable for higher output power
2250V isolation
Basic insulation
Monotonic startup
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) Recognized,
and TUV (EN60950) Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives
Delphi Series E48SB, 240W Eighth Brick Bus Converter
DC/DC Power Modules: 48Vin, 9.6V/25A out
Delta Electronics, Inc., a world leader in power systems technology and
manufacturing, has introduced the E48SB, eighth brick sized 240W
bus converter, into their Delphi Series of board mounted DC/DC power
converters to support the intermediate bus architecture to power multiple
downstream non-isolated point-of-load (POL) converters. The E48SB
product family features an input voltage of 38V to 55V, and provides up to
240W (9.6V and above) of power in an industry standard eighth brick
footprint. Typical efficiency of 9.6V module is 96.5%. With optimized
component placement, creative design topology, and numerous patented
technologies, the E48SB bus converters deliver outstanding electrical and
thermal performance. An optional heatsink is available for harsh thermal
requirements.
OPTIONS
Positive On/Off logic
Short pin lengths
Heatsink available for extended
operation
OTP and OCP mode (Auto re-restart or
latch)
APPLICATIONS
Datacom / Netowrking
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Testing Equipment
DATASHEET
DS_E48SB9R625_01232007


Similar Part No. - E48SB9R625NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC DELTA-E48SC Datasheet
486Kb / 15P
   Industry standard pin out
E48SC05012 DELTA-E48SC05012 Datasheet
760Kb / 15P
   Standard footprint
E48SC05012NMFA DELTA-E48SC05012NMFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
More results

Similar Description - E48SB9R625NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R825NRFA DELTA-E48SR1R825NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
Q48SB9R650NRFA DELTA-Q48SB9R650NRFA Datasheet
602Kb / 12P
   Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com