Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

E48SB9R625 Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part No. E48SB9R625
Description  Delphi Series E48SB, 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin, 9.6V/25A out
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

E48SB9R625 Datasheet(HTML) 4 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS CURVES
For Negative Remote On/Off Turn on Waveform
Figure 4: Turn-on transient at full rated load current
(5 ms/div). Top Trace: Vout; 5V/div; Bottom Trace: ON/OFF
input: 2V/div
Figure 5: Turn-on transient at zero load current (5 ms/div). Top
Trace: Vout: 5V/div; Bottom Trace: ON/OFF input: 2V/div
For Vin Input Turn on Waveform
Figure 6: Turn-on transient at full rated load current
(5 ms/div). Top Trace: Vout; 5V/div; Bottom Trace: Vin;
50V/div.
Figure 7: Turn-on transient at zero load current (5 ms/div). Top
Trace: Vout: 5V/div; Bottom Trace: Vin; 50V/div.
0
0
0
0
0
0
0
0
DS_E48SB9R625_01232007
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn