Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E48SB9R625 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part No. E48SB9R625
Description  Delphi Series E48SB, 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin, 9.6V/25A out
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SB9R625 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E48SB9R625 Datasheet HTML 1Page - Delta Electronics, Inc. E48SB9R625 Datasheet HTML 2Page - Delta Electronics, Inc. E48SB9R625 Datasheet HTML 3Page - Delta Electronics, Inc. E48SB9R625 Datasheet HTML 4Page - Delta Electronics, Inc. E48SB9R625 Datasheet HTML 5Page - Delta Electronics, Inc. E48SB9R625 Datasheet HTML 6Page - Delta Electronics, Inc. E48SB9R625 Datasheet HTML 7Page - Delta Electronics, Inc. E48SB9R625 Datasheet HTML 8Page - Delta Electronics, Inc. E48SB9R625 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FEATURES
High efficiency: 96.5% @ 9.6V/25A
Size: 58.4mm x 22.8mm x 11.3mm
(2.28” x 0.90” x 0.44”)
Industry standard pinout
Fully protected: Input UVLO, OVP, Output
OCP and OTP
240W constant power output
Parallelable for higher output power
2250V isolation
Basic insulation
Monotonic startup
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) Recognized,
and TUV (EN60950) Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives
Delphi Series E48SB, 240W Eighth Brick Bus Converter
DC/DC Power Modules: 48Vin, 9.6V/25A out
Delta Electronics, Inc., a world leader in power systems technology and
manufacturing, has introduced the E48SB, eighth brick sized 240W
bus converter, into their Delphi Series of board mounted DC/DC power
converters to support the intermediate bus architecture to power multiple
downstream non-isolated point-of-load (POL) converters. The E48SB
product family features an input voltage of 38V to 55V, and provides up to
240W (9.6V and above) of power in an industry standard eighth brick
footprint. Typical efficiency of 9.6V module is 96.5%. With optimized
component placement, creative design topology, and numerous patented
technologies, the E48SB bus converters deliver outstanding electrical and
thermal performance. An optional heatsink is available for harsh thermal
requirements.
OPTIONS
Positive On/Off logic
Short pin lengths
Heatsink available for extended
operation
OTP and OCP mode (Auto re-restart or
latch)
APPLICATIONS
Datacom / Netowrking
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Testing Equipment
DATASHEET
DS_E48SB9R625_01232007


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn