Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E36SR05015 Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part No. E36SR05015
Description  Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E36SR05015 Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button E36SR05015 Datasheet HTML 2Page - Delta Electronics, Inc. E36SR05015 Datasheet HTML 3Page - Delta Electronics, Inc. E36SR05015 Datasheet HTML 4Page - Delta Electronics, Inc. E36SR05015 Datasheet HTML 5Page - Delta Electronics, Inc. E36SR05015 Datasheet HTML 6Page - Delta Electronics, Inc. E36SR05015 Datasheet HTML 7Page - Delta Electronics, Inc. E36SR05015 Datasheet HTML 8Page - Delta Electronics, Inc. E36SR05015 Datasheet HTML 9Page - Delta Electronics, Inc. E36SR05015 Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ELECTRICAL CHARACTERISTICS CURVES
Figure 12: Input reflected ripple current, is, through a 12µH
source inductor at 48Vin and 15A output current (20 mA/div,
2us/div).
Figure 13: Output voltage noise and ripple measurement test
setup
Figure 14: Output voltage ripple at 48Vin and rated load
current (Io=15A)(20 mV/div, 2us/div)
Load capacitance: 1µF ceramic capacitor and 10µF tantalum
capacitor. Bandwidth: 20 MHz.
Figure 15: Output voltage vs. load current showing typical
current limit curves and converter shutdown points.
Strip
Copper
Vo(-)
Vo(+)
10u
1u
SCOPE
RESISTIVE
LOAD
DS_E36SR05015_02092007
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn