Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E36SR3R320 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part No. E36SR3R320
Description  Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E36SR3R320 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  E36SR3R320 Datasheet HTML 1Page - Delta Electronics, Inc. E36SR3R320 Datasheet HTML 2Page - Delta Electronics, Inc. E36SR3R320 Datasheet HTML 3Page - Delta Electronics, Inc. E36SR3R320 Datasheet HTML 4Page - Delta Electronics, Inc. E36SR3R320 Datasheet HTML 5Page - Delta Electronics, Inc. E36SR3R320 Datasheet HTML 6Page - Delta Electronics, Inc. E36SR3R320 Datasheet HTML 7Page - Delta Electronics, Inc. E36SR3R320 Datasheet HTML 8Page - Delta Electronics, Inc. E36SR3R320 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ELECTRICAL CHARACTERISTICS CURVES
Efficiency Curves
60
63
66
69
72
75
78
81
84
87
90
93
0
2
4
6
8
1012
1416
1820
Output current(A)
18V
24V
48V
75V
Power Dissipation Curves
0
2
4
6
8
10
12
02
46
8
10 12
14
16
18
20
Output current(A)
18V
24V
48V
75V
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
0
1
2
3
4
5
15
25
35
45
55
65
75
Input voltage (V)
Figure 3: Typical full load input characteristics at room
temperature
DS_E36SR3R320_02092007
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn