Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E24SR3R320 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part No. E24SR3R320
Description  Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

E24SR3R320 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ELECTRICAL CHARACTERISTICS CURVES
70
73
76
79
82
85
88
91
94
4
8
12
16
20
24Vin
18Vin
36Vin
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 3: Typical full load input characteristics at room
temperature
2.0
3.0
4.0
5.0
6.0
7.0
8.0
4
8
12
16
20
24Vin
18Vin
36Vi
0.0
1.0
2.0
3.0
4.0
5.0
18
20
22
24
26
28
30
32
34
36
INPUT VOLTAGE (V)
DS_E24SR3R320_02092007
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn