Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51AC2-RLTIM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T89C51AC2-RLTIM
Description  Enhanced 8-bit Microcontroller with 32 KB Flash Memory
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51AC2-RLTIM Datasheet(HTML) 1 Page - ATMEL Corporation

  T89C51AC2-RLTIM Datasheet HTML 1Page - ATMEL Corporation T89C51AC2-RLTIM Datasheet HTML 2Page - ATMEL Corporation T89C51AC2-RLTIM Datasheet HTML 3Page - ATMEL Corporation T89C51AC2-RLTIM Datasheet HTML 4Page - ATMEL Corporation T89C51AC2-RLTIM Datasheet HTML 5Page - ATMEL Corporation T89C51AC2-RLTIM Datasheet HTML 6Page - ATMEL Corporation T89C51AC2-RLTIM Datasheet HTML 7Page - ATMEL Corporation T89C51AC2-RLTIM Datasheet HTML 8Page - ATMEL Corporation T89C51AC2-RLTIM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 121 page
background image
Rev. 4127G–8051–05/06
1
Features
80C51 Core Architecture
256 Bytes of On-chip RAM
1 KB of On-chip XRAM
32 KB of On-chip Flash Memory
– Data Retention: 10 Years at 85°C
Read/Write Cycle: 10K
2 KB of On-chip Flash for Bootloader
2 KB of On-chip EEPROM
Read/Write Cycle: 100K
14-sources 4-level Interrupts
Three 16-bit Timers/Counters
Full Duplex UART Compatible 80C51
Maximum Crystal Frequency 40 MHz, in X2 Mode, 20 MHz (CPU Core, 20 MHz)
Five Ports: 32 + 2 Digital I/O Lines
Five-channel 16-bit PCA with:
– PWM (8-bit)
– High-speed Output
– Timer and Edge Capture
Double Data Pointer
21-bit Watchdog Timer (7 Programmable Bits)
10-bit Resolution Analog to Digital Converter (ADC) with 8 Multiplexed Inputs
On-chip Emulation Logic (Enhanced Hook System)
Power Saving Modes:
– Idle Mode
– Power-down Mode
Power Supply: 3V to 5.5V
Temperature Range: Industrial (-40
° to +85°C)
Packages: VQFP44, PLCC44
Description
The A/T89C51AC2 is a high performance Flash version of the 80C51 single chip 8-bit
microcontrollers. It contains a 32 KB Flash memory block for program and data.
The 32 KB Flash memory can be programmed either in parallel mode or in serial
mode with the ISP capability or with software. The programming voltage is internally
generated from the standard VCC pin.
The A/T89C51AC2 retains all features of the 80C51 with 256 bytes of internal RAM, a
7-source 4-level interrupt controller and three timer/counters. In addition, the
A/T89C51AC2 has a 10-bit A/D converter, a 2 KB Boot Flash memory, 2 KB EEPROM
for data, a Programmable Counter Array, an XRAM of 1024 bytes, a Hardware Watch-
Dog Timer, and a more versatile serial channel that facilitates multiprocessor
communication (EUART). The fully static design of the A/T89C51AC2 reduces system
power consumption by bringing the clock frequency down to any value, even DC,
without loss of data.
The A/T89C51AC2 has two software-selectable modes of reduced activity and an 8-
bit clock prescaler for further reduction in power consumption. In the idle mode the
CPU is frozen while the peripherals and the interrupt system are still operating. In the
Power-down mode the RAM is saved and all other functions are inoperative.
The added features of the A/T89C51AC2 make it more powerful for applications that
need A/D conversion, pulse width modulation, high speed I/O and counting capabili-
ties such as industrial control, consumer goods, alarms, motor control, among others.
While remaining fully compatible with the 80C52, the T8C51AC2 offers a superset of
this standard microcontroller. In X2 mode, a maximum external clock rate of 20 MHz
reaches a 300 ns cycle time.
Enhanced 8-bit
Microcontroller
with 32 KB Flash
Memory
AT89C51AC2
T89C51AC2


Similar Part No. - T89C51AC2-RLTIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51AC2-RLTIM ATMEL-T89C51AC2-RLTIM Datasheet
1Mb / 117P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
T89C51AC2-RLTIM ATMEL-T89C51AC2-RLTIM Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
More results

Similar Description - T89C51AC2-RLTIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51AC2 ATMEL-T89C51AC2 Datasheet
1Mb / 117P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
AT89C51AC2 ATMEL-AT89C51AC2_08 Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_05 Datasheet
1Mb / 143P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3 Datasheet
1Mb / 141P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_08 Datasheet
1Mb / 140P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
T89C51CC02_0305 ATMEL-T89C51CC02_0305 Datasheet
1,003Kb / 145P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51CC01 ATMEL-AT89C51CC01 Datasheet
1Mb / 170P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_03 Datasheet
1Mb / 160P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_08 Datasheet
1Mb / 167P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
logo
NXP Semiconductors
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com