Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RC2-3CSCM Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T89C51RC2-3CSCM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-3CSCM Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T89C51RC2-3CSCM Datasheet HTML 2Page - ATMEL Corporation T89C51RC2-3CSCM Datasheet HTML 3Page - ATMEL Corporation T89C51RC2-3CSCM Datasheet HTML 4Page - ATMEL Corporation T89C51RC2-3CSCM Datasheet HTML 5Page - ATMEL Corporation T89C51RC2-3CSCM Datasheet HTML 6Page - ATMEL Corporation T89C51RC2-3CSCM Datasheet HTML 7Page - ATMEL Corporation T89C51RC2-3CSCM Datasheet HTML 8Page - ATMEL Corporation T89C51RC2-3CSCM Datasheet HTML 9Page - ATMEL Corporation T89C51RC2-3CSCM Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 117 page
background image
6
T89C51RB2/RC2
4105D–8051–10/06
Table 3. Pin Description for 40 - 44 Pin Packages
Mnemonic
Pin Number
Type
Name and Function
DIL
LCC
VQFP44 1.4
VSS
20
22
16
I
Ground: 0V reference
VCC
40
44
38
I
Power Supply: This is the power supply voltage for normal, idle and power - down
operation
P0.0 - P0.7
39 - 32
43 - 36
37 - 30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s
written to them float and can be used as high impedance inputs. Port 0 must be
polarized to VCC or VSS in order to prevent any parasitic current consumption. Port 0
is also the multiplexed low - order address and data bus during access to external
program and data memory. In this application, it uses strong internal pull - up when
emitting 1s. Port 0 also inputs the code bytes during FLASH programming. External
pull - ups are required during program verification during which P0 outputs the code
bytes.
P1.0 - P1.7
1 - 8
2 - 9
40 - 44
1 - 3
I/O
Port 1: Port 1 is an 8 - bit bidirectional I/O port with internal pull - ups. Port 1 pins
that have 1s written to them are pulled high by the internal pull - ups and can be
used as inputs. As inputs, Port 1 pins that are externally pulled low will source
current because of the internal pull - ups. Port 1 also receives the low - order
address byte during memory programming and verification.
Alternate functions for T89C51RB2/RC2 Port 1 include:
1
2
40
I/O
P1.0: Input / Output
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout
2
3
41
I/O
P1.1: Input / Output
I
T2EX: Timer/Counter 2 Reload/Capture/Direction Control
I
SS: SPI Slave Select
3
4
42
I/O
P1.2: Input / Output
I
ECI: External Clock for the PCA
4
5
43
I/O
P1.3: Input / Output
I/O
CEX0: Capture/Compare External I/O for PCA module 0
5
6
44
I/O
P1.4: Input / Output
I/O
CEX1: Capture/Compare External I/O for PCA module 1
6
7
1
I/O
P1.5: Input / Output
I/O
CEX2: Capture/Compare External I/O for PCA module 2
I/O
MISO: SPI Master Input Slave Output line
When SPI is in master mode, MISO receives data from the slave peripheral. When
SPI is in slave mode, MISO outputs data to the master controller.
7
8
2
I/O
P1.6: Input / Output
I/O
CEX3: Capture/Compare External I/O for PCA module 3
I/O
SCK: SPI Serial Clock
SCK outputs clock to the slave peripheral
8
9
3
I/O
P1.7: Input / Output:


Similar Part No. - T89C51RC2-3CSCM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RC2-3CSCM ATMEL-T89C51RC2-3CSCM Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
More results

Similar Description - T89C51RC2-3CSCM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51RC2-RLRIM ATMEL-AT89C51RC2-RLRIM Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RC2 ATMEL-AT89C51RC2 Datasheet
1Mb / 125P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RB2 ATMEL-AT89C51RB2_06 Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RC2_0312 ATMEL-AT89C51RC2_0312 Datasheet
1Mb / 127P
   Microcontroller with 16K/32K Bytes Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
AT89C51RC ATMEL-AT89C51RC_05 Datasheet
429Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com