Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X7R2A103K Datasheet(PDF) 3 Page - TDK Electronics

Part # C2012X7R2A103K
Description  Ceramic Capacitors For Mid Voltage SMD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012X7R2A103K Datasheet(HTML) 3 Page - TDK Electronics

  C2012X7R2A103K Datasheet HTML 1Page - TDK Electronics C2012X7R2A103K Datasheet HTML 2Page - TDK Electronics C2012X7R2A103K Datasheet HTML 3Page - TDK Electronics C2012X7R2A103K Datasheet HTML 4Page - TDK Electronics C2012X7R2A103K Datasheet HTML 5Page - TDK Electronics C2012X7R2A103K Datasheet HTML 6Page - TDK Electronics C2012X7R2A103K Datasheet HTML 7Page - TDK Electronics C2012X7R2A103K Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
• All specifications are subject to change without notice.
(3/8)
001-01 / 20020221 / e42144_c2012.fm
Ceramic Capacitors
C Series
For Mid Voltage
SMD
C2012 (EIA:CC0805) TYPE
CAPACITANCE RANGES:
CLASS 1 (TEMPERATURE COMPENSATION)
TEMPERATURE CHARACTERISTICS: C0G(0±30ppm/°C)
RATED VOLTAGE Edc: 250V
RATED VOLTAGE Edc: 100V
CAPACITANCE RANGES:
CLASS 2
TEMPERATURE CHARACTERISTICS: X7R(±15%)
RATED VOLTAGE Edc:250V
RATED VOLTAGE Edc: 100V
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
820
±5%
0.6±0.1
C2012C0G2E821J
±10%
0.6±0.1
C2012C0G2E821K
1000
±5%
0.8±0.1
C2012C0G2E102J
±10%
0.8±0.1
C2012C0G2E102K
1200
±5%
0.8±0.1
C2012C0G2E122J
±10%
0.8±0.1
C2012C0G2E122K
1500
±5%
0.8±0.1
C2012C0G2E152J
±10%
0.8±0.1
C2012C0G2E152K
1800
±5%
1.25±0.2
C2012C0G2E182J
±10%
1.25±0.2
C2012C0G2E182K
2200
±5%
1.25±0.2
C2012C0G2E222J
±10%
1.25±0.2
C2012C0G2E222K
2700
±5%
1.25±0.2
C2012C0G2E272J
±10%
1.25±0.2
C2012C0G2E272K
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
1000
±5%
0.6±0.1
C2012C0G2A102J
±10%
0.6±0.1
C2012C0G2A102K
1200
±5%
0.6±0.1
C2012C0G2A122J
±10%
0.6±0.1
C2012C0G2A122K
1500
±5%
0.6±0.1
C2012C0G2A152J
±10%
0.6±0.1
C2012C0G2A152K
1800
±5%
0.8±0.1
C2012C0G2A182J
±10%
0.8±0.1
C2012C0G2A182K
2200
±5%
0.8±0.1
C2012C0G2A222J
±10%
0.8±0.1
C2012C0G2A222K
2700
±5%
1.25±0.2
C2012C0G2A272J
±10%
1.25±0.2
C2012C0G2A272K
3300
±5%
1.25±0.2
C2012C0G2A332K
±10%
1.25±0.2
C2012C0G2A332M
3900
±5%
1.25±0.2
C2012C0G2A392K
±10%
1.25±0.2
C2012C0G2A392M
4700
±5%
1.25±0.2
C2012C0G2A472K
±10%
1.25±0.2
C2012C0G2A472M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
1000
±10%
0.85±0.15
C2012X7R2E102K
±20%
0.85±0.15
C2012X7R2E102M
1500
±10%
0.85±0.15
C2012X7R2E152K
±20%
0.85±0.15
C2012X7R2E152M
2200
±10%
0.85±0.15
C2012X7R2E222K
±20%
0.85±0.15
C2012X7R2E222M
3300
±10%
0.85±0.15
C2012X7R2E332K
±20%
0.85±0.15
C2012X7R2E332M
4700
±10%
0.85±0.15
C2012X7R2E472K
±20%
0.85±0.15
C2012X7R2E472M
6800
±10%
1.25±0.2
C2012X7R2E682K
±20%
1.25±0.2
C2012X7R2E682M
10000
±10%
1.25±0.2
C2012X7R2E103K
±20%
1.25±0.2
C2012X7R2E103M
15000
±10%
1.25±0.2
C2012X7R2E153K
±20%
1.25±0.2
C2012X7R2E153M
22000
±10%
1.25±0.2
C2012X7R2E223K
±20%
1.25±0.2
C2012X7R2E223M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
1000
±10%
0.85±0.15
C2012X7R2A102K
±20%
0.85±0.15
C2012X7R2A102M
1500
±10%
0.85±0.15
C2012X7R2A152K
±20%
0.85±0.15
C2012X7R2A152M
2200
±10%
0.85±0.15
C2012X7R2A222K
±20%
0.85±0.15
C2012X7R2A222M
3300
±10%
0.85±0.15
C2012X7R2A332K
±20%
0.85±0.15
C2012X7R2A332M
4700
±10%
0.85±0.15
C2012X7R2A472K
±20%
0.85±0.15
C2012X7R2A472M
6800
±10%
0.85±0.15
C2012X7R2A682K
±20%
0.85±0.15
C2012X7R2A682M
10000
±10%
0.85±0.15
C2012X7R2A103K
±20%
0.85±0.15
C2012X7R2A103M
15000
±10%
1.25±0.2
C2012X7R2A153K
±20%
1.25±0.2
C2012X7R2A153M
22000
±10%
1.25±0.2
C2012X7R2A223K
±20%
1.25±0.2
C2012X7R2A223M
33000
±10%
1.25±0.2
C2012X7R2A333K
±20%
1.25±0.2
C2012X7R2A333M
47000
±10%
1.25±0.2
C2012X7R2A473K
±20%
1.25±0.2
C2012X7R2A473M
M tolerance is standard for Mid Voltage X7R capacitors.
• For more information about products with other capacitance or other data,
please contact us.


Similar Part No. - C2012X7R2A103K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X7R2A103K085AA TDK-C2012X7R2A103K085AA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C2012X7R2A103K085AA TDK-C2012X7R2A103K085AA_17 Datasheet
240Kb / 3P
   Multilayer Ceramic Chip Capacitors
C2012X7R2A103K085AE TDK-C2012X7R2A103K085AE Datasheet
240Kb / 3P
   Multilayer Ceramic Chip Capacitors
C2012X7R2A103K085AM TDK-C2012X7R2A103K085AM Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012X7R2A103K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216C0G2J101J TDK-C3216C0G2J101J Datasheet
221Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
CK45-R3DD102K-NR TDK-CK45-R3DD102K-NR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors
CC45SL3JD150JYNN TDK-CC45SL3JD150JYNN Datasheet
92Kb / 5P
   Mid-high Voltage Ceramic Capacitors
CK45-B3AD101KYNN TDK-CK45-B3AD101KYNN Datasheet
38Kb / 2P
   Mid-high Voltage Ceramic Capacitors
logo
YAGEO Corporation
CC1206JRNPOABN221 YAGEO-CC1206JRNPOABN221 Datasheet
899Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage
logo
TDK Electronics
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
logo
Panasonic Semiconductor
ECK-T3A471KB PANASONIC-ECK-T3A471KB Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
ECCT3H050DGM PANASONIC-ECCT3H050DGM Datasheet
263Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
logo
TDK Electronics
C1005CH1H100D TDK-C1005CH1H100D Datasheet
190Kb / 7P
   Ceramic Capacitors For General Use SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com