Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIS5101E1T1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NIS5101E1T1G
Description  SMART HotPlug IC/Inrush Limiter/Circuit Breaker
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS5101E1T1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NIS5101E1T1G Datasheet HTML 4Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 5Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 6Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 7Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 8Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 9Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 10Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 11Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NIS5101
http://onsemi.com
11
An overload condition is one in which the FET is fully
enhanced and operating at it’s minimum RDSon. A short
circuit condition occurs when either the load has shorted or
upon turn on, as the load capacitor to the hot swap device
initially looks like a short circuit.
A single resistor will determine both the short circuit and
overload current. For example, a 110
W resistor would
result in a 1 A current limit when charging the capacitance
at turn on, but once the FET is fully enhanced, it would
allow the load to operate at a current up to 2.5 A. Once the
2.5 A limit is reached, any further reduction in load
impedance will result in a short circuit condition and the
current will be reduced to 1 amp.
As with all SMART HotPlug devices, the current limit
will never shut down the limiter. Only the thermal limit will
stop the flow of current to the load. Once the current is
stopped due to the thermal limit, it will remain off until
input power is recycled for the latching version, or it will
continuously retry to start again if it is the auto−retry
version.
The ILimit graph shown in Figure 2 was generated from
the data of the ILimit characterization, the formulas for each
of the curves and temperatures are shown below:
RILimit (
W) = (56.55 / y)1.20; for TJ = 25C
RILimit (
W) = (52.91 / y)1.22; for TJ = 120°C
RILimit (
W) = (44.80 / y)1.33; for TJ = −40°C
where “y” is the desired ILimit value.
Main/Mirror MOSFET Current Ratio. The ratio varies
with current and sense resistance. The key parameter that
it is important to know is that the current sense reference
voltage of the device is 50 mV. Knowing this information,
it is possible to use Figure 2 on the datasheet for the current
limit to calculate the ratio for any condition.
For ”normal” operating condition, the overload curve
would apply. If a 100
W for the ILimit resistor is used, the
sense current would be 50 mV/ 100
W at the current limit
level, which results in 500
mA. The drain current is 2.7 A
under this condition, so the ratio is 5400:1.
Same analysis can be made for “short circuit” conditions,
the only difference is that the short circuit curve of
Figure 2 is used to do the ratio calculations instead.
There is a 5
W resistor in series with the sense cells. This
has a tolerance of about 10% and should be taken into
account when making the above calculations.
Turn−onSurge: During the turn−on event, there is a large
amount of energy dissipated due to the linear operation of
the power device. The energy rating is the amount of energy
that the device can absorb before the thermal limit circuit
will shut the unit down. This is very important specially for
the latch off device as it determines the maximum load
capacitance that the device can charge before the thermal
limit shuts the device down. The calculation of this is not
very simple as it depends on several factors such as the
input voltage (Vin), load capacitance (CL), current limit
settings (ILimit) and device’s thermal transient response,
therefore, it is recommended to do lab evaluations for these
purposes. Figure 19 shows the device’s thermal transient
response for minimum pad.
0.01
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Figure 19. Thermal Transient Response
TIME (seconds)


Similar Part No. - NIS5101E1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5102 ONSEMI-NIS5102 Datasheet
142Kb / 14P
   High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
NIS5102QP1HT1 ONSEMI-NIS5102QP1HT1 Datasheet
142Kb / 14P
   High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
NIS5102QP1HT1G ONSEMI-NIS5102QP1HT1G Datasheet
142Kb / 14P
   High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
NIS5102QP2HT1 ONSEMI-NIS5102QP2HT1 Datasheet
142Kb / 14P
   High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
NIS5102QP2HT1G ONSEMI-NIS5102QP2HT1G Datasheet
142Kb / 14P
   High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
More results

Similar Description - NIS5101E1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5102 ONSEMI-NIS5102 Datasheet
142Kb / 14P
   High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
logo
Supertex, Inc
HV111 SUTEX-HV111 Datasheet
551Kb / 9P
   Inrush Limiter/Circuit Breaker/Hotswap Controller IC
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
   AC inrush current limiter
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
   AC inrush current limiter
logo
Amphenol Corporation
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
   NTC Inrush Current Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com