Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIS5101E1T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NIS5101E1T1G
Description  SMART HotPlug IC/Inrush Limiter/Circuit Breaker
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS5101E1T1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NIS5101E1T1G Datasheet HTML 3Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 4Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 5Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 6Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 7Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 8Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 9Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 10Page - ON Semiconductor NIS5101E1T1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NIS5101
http://onsemi.com
7
ADDITIONAL APPLICATION CIRCUITS FOR DIFFERENT FUNCTIONS
Figure 12. Power Good Signal Circuit
+
UVLO/EN
OVLO
Drain
Current
Limit
Input +
Input −
RL
NIS5101
+
CL
NUD3048
Pwr Good
Pwr Good
NUD3048
Figure 13. Power Good Signal Referenced to Drain
DC−DC
Converter
+
+
+
UVLO/EN
OVLO
Drain
Current
Limit
Input +
Input −
NIS5101
MM3Z5V1
100 k
NUD3048
Pwr GD
Figure 14. Increased Delay Time Circuit
RUVLO
+
+
+
ROVLO
422 k
UVLO/EN
OVLO
Drain
Current
Limit
Input +
Input −
Rlimit
20
W
NIS5101
RL
100
mF
Cdelay
0
10
20
30
40
50
40
120
160
200
0
Cdelay_UVLO pin (nF)
80
RUVLO = 470k
RUVLO = 200k
RUVLO = Open


Similar Part No. - NIS5101E1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5102 ONSEMI-NIS5102 Datasheet
142Kb / 14P
   High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
NIS5102QP1HT1 ONSEMI-NIS5102QP1HT1 Datasheet
142Kb / 14P
   High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
NIS5102QP1HT1G ONSEMI-NIS5102QP1HT1G Datasheet
142Kb / 14P
   High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
NIS5102QP2HT1 ONSEMI-NIS5102QP2HT1 Datasheet
142Kb / 14P
   High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
NIS5102QP2HT1G ONSEMI-NIS5102QP2HT1G Datasheet
142Kb / 14P
   High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
More results

Similar Description - NIS5101E1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5102 ONSEMI-NIS5102 Datasheet
142Kb / 14P
   High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
October, 2006 ??Rev. 5
logo
Supertex, Inc
HV111 SUTEX-HV111 Datasheet
551Kb / 9P
   Inrush Limiter/Circuit Breaker/Hotswap Controller IC
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
   AC inrush current limiter
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
   AC inrush current limiter
logo
Amphenol Corporation
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
   NTC Inrush Current Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com