Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB021D Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT45DB021D
Description  2-megabit 2.7-volt DataFlash
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT45DB021D_07 Datasheet HTML 21Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 22Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 23Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 24Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 25Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 26Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 27Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 28Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
25
3638B–DFLASH–02/07
AT45DB021D [Preliminary]
13. “Power of 2” Binary Page Size Option
“Power of 2” binary page size Configuration Register is a user-programmable nonvolatile regis-
ter that allows the page size of the main memory to be configured for binary page size
(256 bytes) or the DataFlash standard page size (264 bytes). The “power of 2” page size is a
One-time Programmable (OTP) register and once the device is configured for “power of
2” page size, it cannot be reconfigured again. The devices are initially shipped with the page
size set to 264 bytes.
13.1
Programming the Configuration Register
To program the Configuration Register for “power of 2” binary page size, the CS pin must first be
asserted as it would be with any other command. Once the CS pin has been asserted, the
appropriate 4-byte opcode sequence must be clocked into the device in the correct order. The
4-byte opcode sequence must start with 3DH and be followed by 2AH, 80H, and A6H. After the
last bit of the opcode sequence has been clocked in, the CS pin must be deasserted to initiate
the internally self-timed program cycle. The programming of the Configuration Register should
take place in a time of t
P, during which time the Status Register will indicate that the device is
busy. The device must be power-cycled after the completion of the program cycle to set the
“power of 2” page size. If the device is powered-down before the completion of the program
cycle, then setting the Configuration Register cannot be guaranteed. However, the user should
check bit 0 of the status register to see whether the page size was configured for binary page
size. If not, the command can be re-issued again.
Figure 13-1. Erase Sector Protection Register
14. Manufacturer and Device ID Read
Identification information can be read from the device to enable systems to electronically query
and identify the device while it is in system. The identification method and the command opcode
comply with the JEDEC standard for “Manufacturer and Device ID Read Methodology for SPI
Compatible Serial Interface Memory Devices”. The type of information that can be read from the
device includes the JEDEC defined Manufacturer ID, the vendor specific Device ID, and the ven-
dor specific Extended Device Information.
To read the identification information, the CS pin must first be asserted and the opcode of 9FH
must be clocked into the device. After the opcode has been clocked in, the device will begin out-
putting the identification data on the SO pin during the subsequent clock cycles. The first byte
that will be output will be the Manufacturer ID followed by two bytes of Device ID information.
The fourth byte output will be the Extended Device Information String Length, which will be 00H
indicating that no Extended Device Information follows. As indicated in the JEDEC standard,
reading the Extended Device Information String Length and any subsequent data is optional.
Deasserting the CS pin will terminate the Manufacturer and Device ID Read operation and put
the SO pin into a high-impedance state. The CS pin can be deasserted at any time and does not
require that a full byte of data be read.
Command
Byte 1
Byte 2
Byte 3
Byte 4
Power of Two Page Size
3DH
2AH
80H
A6H
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
CS
Each transition
represents 8 bits
SI


Similar Part No. - AT45DB021D_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB021D_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
   2-megabit 2.7-volt Only DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
   2-Megabit 2.7-volt Only Serial DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB021A ATMEL-AT45DB021A Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
   32-megabit 2.7-volt DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com