Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB021D Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT45DB021D
Description  2-megabit 2.7-volt DataFlash
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT45DB021D_07 Datasheet HTML 15Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 16Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 17Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 18Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 19Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 20Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 21Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 22Page - ATMEL Corporation AT45DB021D_07 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
19
3638B–DFLASH–02/07
AT45DB021D [Preliminary]
10.1.1
Sector Lockdown Register
Sector Lockdown Register is a nonvolatile register that contains 8 bytes of data, as shown
below:
10.1.2
Reading the Sector Lockdown Register
The Sector Lockdown Register can be read to determine which sectors in the memory array are
permanently locked down. To read the Sector Lockdown Register, the CS pin must first be
asserted. Once the CS pin has been asserted, an opcode of 35H and 3 dummy bytes must be
clocked into the device via the SI pin. After the last bit of the opcode and dummy bytes have
been clocked in, the data for the contents of the Sector Lockdown Register will be clocked out
on the SO pin. The first byte corresponds to sector 0 (0a, 0b) the second byte corresponds to
sector 1 and the last byte (byte 8) corresponds to sector 7. After the last byte of the Sector Lock-
down Register has been read, additional pulses on the SCK pin will simply result in undefined
data being output on the SO pin.
Deasserting the CS pin will terminate the Read Sector Lockdown Register operation and put the
SO pin into a high-impedance state.
Table 10-2 details the values read from the Sector Lockdown Register.
Figure 10-2. Read Sector Lockdown Register
Sector Number
0 (0a, 0b)
1 to 7
Locked
See Below
FFH
Unlocked
00H
Table 10-1.
Sector 0 (0a, 0b)
0a
0b
Bit 3, 2
Data
Value
(Page 0-7)
(Page 8-127)
Bit 7, 6
Bit 5, 4
Bit 1, 0
Sectors 0a, 0b Unlocked
00
00
00
00
00H
Sector 0a Locked (Page 0-7)
11
00
00
00
C0H
Sector 0b Locked (Page 8-127)
00
11
00
00
30H
Sectors 0a, 0b Locked (Page 0-127)
11
11
00
00
F0H
Table 10-2.
Sector Lockdown Register
Command
Byte 1
Byte 2
Byte 3
Byte 4
Read Sector Lockdown Register
35H
xxH
xxH
xxH
Note:
xx = Dummy Byte
Opcode
X
X
X
Data Byte
n
Data Byte
n + 1
CS
Data Byte
n + 3
SI
SO
Each transition
represents 8 bits


Similar Part No. - AT45DB021D_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB021D_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
   2-megabit 2.7-volt Only DataFlash
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
   2-megabit 2.7-volt Only DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
   2-Megabit 2.7-volt Only Serial DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB021A ATMEL-AT45DB021A Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
   32-megabit 2.7-volt DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com