Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5517AN Datasheet(PDF) 5 Page - ON Semiconductor

Part # NE5517AN
Description  Dual Operational Transconductance Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE5517AN Datasheet(HTML) 5 Page - ON Semiconductor

  NE5517AN Datasheet HTML 1Page - ON Semiconductor NE5517AN Datasheet HTML 2Page - ON Semiconductor NE5517AN Datasheet HTML 3Page - ON Semiconductor NE5517AN Datasheet HTML 4Page - ON Semiconductor NE5517AN Datasheet HTML 5Page - ON Semiconductor NE5517AN Datasheet HTML 6Page - ON Semiconductor NE5517AN Datasheet HTML 7Page - ON Semiconductor NE5517AN Datasheet HTML 8Page - ON Semiconductor NE5517AN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NE5517, NE5517A, AU5517
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT
VCMR
VOUT
10
10
10
10
1
0.1
mA1mA10mA
100
mA
1000
mA
AMPLIFIER BIAS CURRENT (IABC)
+125
°C
4
3
2
+25
°C
-55
°C
10
10
10
10
10
4
3
2
5
-50
°C -25°C0°C25°C50°C75°C100°C125°C
0V
(+)VIN = (−)VIN = VOUT = 36V
AMBIENT TEMPERATURE (TA)
10
10
10
10
10
4
3
2
0.1
mA1mA10mA
100
mA
1000
mA
AMPLIFIER BIAS CURRENT (IABC)
+125
°C
+25
°C
-55
°C
5
gM
mq
m
M
PINS 2, 15
OPEN
10
10
1
0.1
0.01
1
2
0.1
mA1mA10mA
100
mA
1000
mA
AMPLIFIER BIAS CURRENT (IABC)
PINS 2, 15
OPEN
10
10
10
10
1
3
2
4
INPUT DIFFERENTIAL VOLTAGE
+125
°C
+25
°C
0
1
23
45
6
7
5
0.1
mA1mA10mA
100
mA
1000
mA
AMPLIFIER BIAS CURRENT (IABC)
Figure 3. Input Offset Voltage
VS = ±15V
+125
°C
+25
°C
-55
°C
+125
°C
4
3
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
0.1
mA1mA10mA
100
mA
1000
mA
AMPLIFIER BIAS CURRENT (IABC)
Tamb = 25°C
VCMR
RLOAD =
10
10
10
1
0.1
2
3
0.1
mA1mA10mA
100
mA
1000
mA
AMPLIFIER BIAS CURRENT (IABC)
Figure 4. Input Bias Current
VS = ±15V
+125
°C
+25
°C
-55
°C
10
10
10
10
1
3
4
0.1
mA1mA10mA
100
mA
1000
mA
AMPLIFIER BIAS CURRENT (IABC)
Figure 5. Input Bias Current
VS = ±15V
+125
°C
+25
°C
-55
°C
2
Figure 6. Peak Output Current
Figure 7. Peak Output Voltage and
Common-Mode Range
Figure 8. Leakage Current
Figure 9. Input Leakage
Figure 10. Transconductance
Figure 11. Input Resistance
VS = ±15V
VS = ±15V
VS = ±15V


Similar Part No. - NE5517AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5517AN PHILIPS-NE5517AN Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
NE5517AN PHILIPS-NE5517AN Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517AN ONSEMI-NE5517AN Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
NE5517ANG ONSEMI-NE5517ANG Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
More results

Similar Description - NE5517AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com