Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5517DG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NE5517DG
Description  Dual Operational Transconductance Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE5517DG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NE5517DG Datasheet HTML 6Page - ON Semiconductor NE5517DG Datasheet HTML 7Page - ON Semiconductor NE5517DG Datasheet HTML 8Page - ON Semiconductor NE5517DG Datasheet HTML 9Page - ON Semiconductor NE5517DG Datasheet HTML 10Page - ON Semiconductor NE5517DG Datasheet HTML 11Page - ON Semiconductor NE5517DG Datasheet HTML 12Page - ON Semiconductor NE5517DG Datasheet HTML 13Page - ON Semiconductor NE5517DG Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NE5517, NE5517A, AU5517
http://onsemi.com
11
f
O +
R
A
g
M
g(R
) RA) 2pC
NOTE:
−VCC
4
3
+
NE5517/A
8
VOUT
−VCC
11
+VCC
5
IABC
2
R
7
INT
INT
C
+VCC
VC
RA
1
150pF
6
VIN
Figure 28. Voltage-Controlled Low-Pass Filter
30k
W
100k
W
200
W
200
W
100k
W
10k
W
f
O +
R
A
g
M
g(R
) RA) 2pC
NOTE:
−VCC
4
3
+
NE5517/A
8
VOUT
−VCC
11
+VCC
5
IABC
2
R
7
INT
INT
C
+VCC
VC
RA
1
6
VOS
NULL
+VCC
-VCC
0.005
mF
Figure 29. Voltage-Controlled High-Pass Filter
30k
W
100k
W
1k
W
1k
W
100k
W
10k
W
NOTE:
f
O +
R
A
g
M
(R
) R
A
)2
p C
+VCC
+
NE5517/A
VOUT
−VCC
+VCC
INT
INT
VC
RA
200pF
+
NE5517/A
+VCC
RA
R
C
−VCC
100pF
-VCC
VIN
RA
200
Figure 30. Butterworth Filter − 2nd Order
100k
W
200
W
100k
W
10k
W
200
W
100
k
W
200
W
15k
W
10k
W
C2


Similar Part No. - NE5517DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE5517DG ONSEMI-NE5517DG Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
More results

Similar Description - NE5517DG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com