Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5230DG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NE5230DG
Description  Low Voltage Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE5230DG Datasheet(HTML) 2 Page - ON Semiconductor

  NE5230DG Datasheet HTML 1Page - ON Semiconductor NE5230DG Datasheet HTML 2Page - ON Semiconductor NE5230DG Datasheet HTML 3Page - ON Semiconductor NE5230DG Datasheet HTML 4Page - ON Semiconductor NE5230DG Datasheet HTML 5Page - ON Semiconductor NE5230DG Datasheet HTML 6Page - ON Semiconductor NE5230DG Datasheet HTML 7Page - ON Semiconductor NE5230DG Datasheet HTML 8Page - ON Semiconductor NE5230DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NE5230, SA5230, SE5230
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Single Supply Voltage
VCC
18
V
Dual Supply Voltage
VS
±9
V
Input Voltage (Note 1)
VIN
±9 (18)
V
Differential Input Voltage (Note 1)
±VS
V
Common−Mode Voltage (Positive)
VCM
VCC + 0.5
V
Common−Mode Voltage (Negative)
VCM
VEE − 0.5
V
Power Dissipation (Note 2)
PD
500
mW
Thermal Resistance, Junction−to−Ambient
N Package
D Package
RqJA
130
182
°C/W
Operating Junction Temperature (Note 2)
TJ
150
°C
Operating Temperature Range
NE
SA
SE
TA
0 to 70
−40 to 85
−40 to 125
°C
80 Output Short−Circuit Duration to Either Power Supply Pin (Notes 2 and 3)
Indefinite
s
Storage Temperature
Tstg
−65 to 150
°C
Lead Soldering Temperature (10 sec max)
Tsld
230
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Can exceed the supply voltages when VS ≤±7.5 V (15 V).
2. The maximum operating junction temperature is 150°C. At elevated temperatures, devices must be derated according to the package thermal
resistance and device mounting conditions.
Derate above 25°C at the following rates:
N package at 7.7 mW/°C
D package at 5.5 mW/°C.
3. Momentary shorts to either supply are permitted in accordance to transient thermal impedance limitations determined by the package and
device mounting conditions.
RECOMMENDED OPERATING CONDITIONS
Characteristic
Value
Unit
Single Supply Voltage
1.8 to 15
V
Dual Supply Voltage
±0.9 to ±7.5
V
Common−Mode Voltage (Positive)
VCC + 0.25
V
Common−Mode Voltage (Negative)
VEE − 0.25
V
Temperature
NE Grade
SA Grade
SE Grade
0 to +70
−40 to +85
−40 to +125
°C


Similar Part No. - NE5230DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE5230DG ONSEMI-NE5230DG Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results

Similar Description - NE5230DG

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
ON Semiconductor
NE5230 ONSEMI-NE5230_10 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
TAITRON Components Inco...
LMV358 TAITRON-LMV358 Datasheet
1Mb / 18P
   Dual Low Voltage Operational Amplifier
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
   Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
New Japan Radio
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com