Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE570DG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NE570DG
Description  Compandor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE570DG Datasheet(HTML) 5 Page - ON Semiconductor

  NE570DG Datasheet HTML 1Page - ON Semiconductor NE570DG Datasheet HTML 2Page - ON Semiconductor NE570DG Datasheet HTML 3Page - ON Semiconductor NE570DG Datasheet HTML 4Page - ON Semiconductor NE570DG Datasheet HTML 5Page - ON Semiconductor NE570DG Datasheet HTML 6Page - ON Semiconductor NE570DG Datasheet HTML 7Page - ON Semiconductor NE570DG Datasheet HTML 8Page - ON Semiconductor NE570DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NE570
http://onsemi.com
5
BASIC CIRCUIT HOOK−UP AND OPERATION
Figure 5 shows the block diagram of one half of the chip,
(there are two identical channels on the IC). The full−wave
averaging rectifier provides a gain control current, IG, for the
variable gain (
DG) cell. The output of theDG cell is a current
which is fed to the summing node of the operational
amplifier. Resistors are provided to establish circuit gain and
set the output DC bias.
7, 10
OUTPUT
+
DG
R2
20 k
W
VREF
1.8 V
5, 12
INV. IN
R3
6, 11
R3
20 k
W
R4
30 k
W
VCC: PIN 13
GND: PIN 4
IG
CRECT
1, 16
8, 9
THD_TRIM
R1
10 k
W
RECT_IN
2, 15
3, 14
DG_CELL_IN
Figure 5. Chip Block Diagram (1 of 2 Channels)
The circuit is intended for use in single power supply
systems, so the internal summing nodes must be biased at
some voltage above ground. An internal band gap voltage
reference provides a very stable, low noise 1.8 V reference
denoted VREF. The non−inverting input of the op amp is tied
to VREF, and the summing nodes of the rectifier and DG cell
(located at the right of R1 and R2) have the same potential.
The THD_TRIM pin is also at the VREF potential.
Figure 6 shows how the circuit is hooked up to realize an
expander. The input signal, VIN, is applied to the inputs of
both the rectifier and the
DG cell. When the input signal
drops by 6.0 dB, the gain control current will drop by a factor
of 2, and so the gain will drop 6 dB. The output level at VOUT
will thus drop 12 dB, giving us the desired 2−to−1
expansion.
VOUT
+
DG
R4
VREF
R3
*CRECT
R2
R1
VIN
*CIN1
*CIN2
* EXTERNAL COMPONENTS
GAIN =
2 R3 VIN (Avg.)
R1 R2 IB
IB = 140 mA
NOTES:
Figure 6. Basic Expander
2
Figure 7 shows the hook−up for a compressor. This is
essentially an expander placed in the feedback loop of the op
amp. The
DG cell is set−up to provide AC feedback only, so
a separate DC feedback loop is provided by the two RDC and
CDC. The values of RDC will determine the DC bias at the
output of the op amp. The output will bias to:
V
OUT DC +
1
)
R
DC1 ) RDC2
R
4
V
REF
V
OUT DC +
1
)
R
DC TOT
30 k
W
1.8 V
The output of the expander will bias up to:
V
OUT DC +
1
)
R
3
R
4
V
REF
V
OUT DC +
1
) 20 kW
30 k
W
1.8 V
+ 3.0 V
The output will bias to 3.0 V when the internal resistors
are used. External resistors may be placed in series with R3,
(which will affect the gain), or in parallel with R4 to raise the
DC bias to any desired value.
VOUT
+
DG
R4
VREF
*RDC
*CDC
R3
VIN
*CIN
* EXTERNAL COMPONENTS
GAIN =
IB = 140 mA
NOTES:
*RDC
*CRECT
R1
R2
*CF
Figure 7. Basic Compressor
R1 R2 IB
2R3 VIN(avg.)
1
2


Similar Part No. - NE570DG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE570D PHILIPS-NE570D Datasheet
107Kb / 12P
   Telephone trunk comandor
2003 Apr 03
NE570D PHILIPS-NE570D Datasheet
400Kb / 7P
   Compandor
More results

Similar Description - NE570DG

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL5015 AUK-SL5015_1 Datasheet
51Kb / 4P
   COMPANDOR
logo
ON Semiconductor
SA571 ONSEMI-SA571 Datasheet
104Kb / 11P
   Compandor
March, 2006 ??Rev. 4
NCY9100 ONSEMI-NCY9100 Datasheet
173Kb / 10P
   Compandor
April, 2009 ??Rev. 0
logo
NXP Semiconductors
SA571 PHILIPS-SA571 Datasheet
143Kb / 11P
   Compandor
1997 Aug 14
NE570N PHILIPS-NE570N Datasheet
400Kb / 7P
   Compandor
logo
AUK corp
SL5015P AUK-SL5015P Datasheet
49Kb / 4P
   COMPANDOR
logo
Daewoo Semiconductor
DBL5015 DAEWOO-DBL5015 Datasheet
282Kb / 4P
   COMPANDOR
logo
Samsung semiconductor
KA8512 SAMSUNG-KA8512 Datasheet
132Kb / 6P
   COMPANDOR
logo
Unisonic Technologies
UTC571N UTC-UTC571N_15 Datasheet
284Kb / 5P
   COMPANDOR
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com