Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8501D25R2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8501D25R2
Description  Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8501D25R2 Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8501D25R2 Datasheet HTML 1Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 2Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 3Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 4Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 5Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 6Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 7Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 8Page - ON Semiconductor NCV8501D25R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCV8501 Series
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (IOUT = 1.0 mA, ENABLE = 5.0 V, −40°C ≤ TJ ≤ 150°C; VIN dependent on voltage option
(Note 4); unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Reset Function (RESET)
RESET Threshold for 10 V Option
HIGH (VRH)
LOW (VRL)
VOUT Increasing
VOUT Decreasing
8.60
8.50
9.40
9.20
0.98 × VOUT
0.97 × VOUT
V
V
Output Voltage
Low (VRLO)
1.0 V ≤ VOUT ≤ VRL, RRESET = 10 k
0.1
0.4
V
DELAY Switching Threshold (VDT)
1.4
1.8
2.2
V
DELAY Low Voltage
VOUT < RESET Threshold Low(min)
0.1
V
DELAY Charge Current
DELAY = 1.0 V, VOUT > VRH
1.5
2.5
3.5
mA
DELAY Discharge Current
DELAY = 1.0 V, VOUT = 1.5 V
5.0
mA
FLAG/Monitor
Monitor Threshold
Increasing and Decreasing
1.10
1.20
1.31
V
Hysteresis
20
50
100
mV
Input Current
MON = 2.0 V
−0.5
0.1
0.5
mA
Output Saturation Voltage
MON = 0 V, IFLAG = 1.0 mA
0.1
0.4
V
Voltage Adjust (Adjustable Output only)
Input Current
VADJ = 1.28 V
−0.5
0.5
mA
ENABLE
Input Threshold
Low
High
3.0
0.5
V
V
Input Current
ENABLE = 5.0 V
1.0
5.0
mA
4. Voltage range specified in the Output Stage of the Electrical Characteristics in boldface type.
5. For VIN ≤ 5.5 V, a RESET = Low may occur with the output in regulation.


Similar Part No. - NCV8501D25R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8501D25R2 ONSEMI-NCV8501D25R2 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8501D25R2G ONSEMI-NCV8501D25R2G Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8501D25R2G ONSEMI-NCV8501D25R2G Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
More results

Similar Description - NCV8501D25R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com