Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8664DT50RKG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8664DT50RKG
Description  Ultra?묹ow Iq Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8664DT50RKG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV8664DT50RKG Datasheet HTML 4Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 5Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 6Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 7Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 8Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 9Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 10Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 11Page - ON Semiconductor NCV8664DT50RKG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NCV8664
http://onsemi.com
8
Typical Curves
TEMPERATURE (°C)
CURRENT LIMIT (mA)
60
20
0
−20
−40
3.00
3.25
3.30
3.50
160
110
60
10
−40
0
100
150
200
250
120
100
Vin = 14 V
Iout = 5 mA
3.15
3.05
3.10
3.20
3.35
3.40
3.45
50
Vin = 13.5 V
40
80
INPUT VOLTAGE (V)
50
30
20
10
0
0
2
4
6
7
1
RL = 50 W
40
RL = 100 W
3
5
Figure 21. Dropout Voltage, 3.3 V Version
OUTPUT LOAD (mA)
100
50
0
0
0.05
0.10
0.30
0.35
0.45
0.20
200
150
0.15
0.25
0.40
Figure 22. Current Consumption vs. Input
Voltage, 3.3 V Version
Figure 23. Output Voltage vs. Temperature,
3.3 V Version
Figure 24. Current Limit vs. Temperature,
3.3 V Version


Similar Part No. - NCV8664DT50RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8664DT50RKG ONSEMI-NCV8664DT50RKG Datasheet
281Kb / 9P
   Ultra?묹ow Iq Low Dropout Linear Regulator
November, 2006 ??Rev. 1
NCV8664DT50RKG ONSEMI-NCV8664DT50RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
More results

Similar Description - NCV8664DT50RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8664 ONSEMI-NCV8664 Datasheet
281Kb / 9P
   Ultra?묹ow Iq Low Dropout Linear Regulator
November, 2006 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
logo
ON Semiconductor
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com