Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8505 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8505
Description  Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8505 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8505 Datasheet HTML 1Page - ON Semiconductor NCV8505 Datasheet HTML 2Page - ON Semiconductor NCV8505 Datasheet HTML 3Page - ON Semiconductor NCV8505 Datasheet HTML 4Page - ON Semiconductor NCV8505 Datasheet HTML 5Page - ON Semiconductor NCV8505 Datasheet HTML 6Page - ON Semiconductor NCV8505 Datasheet HTML 7Page - ON Semiconductor NCV8505 Datasheet HTML 8Page - ON Semiconductor NCV8505 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2007
February, 2007 − Rev. 8
1
Publication Order Number:
NCV8505/D
NCV8505 Series
Micropower 400 mA
LDO Linear Regulators
with ENABLE, DELAY,
and RESET
The NCV8505 is a family of precision micropower voltage
regulators. Their output current capability is 400 mA. The family has
output voltage options for Adjustable, 2.5 V, 3.3 V and 5.0 V.
The output voltage is accurate within
± 2.0% with a maximum
dropout voltage of 0.6 V at 400 mA. Low quiescent current is a feature
drawing less than 1.0
mA with ENABLE = 0 V. With ENABLE = 5.0 V,
the part only draws 200
mA with 100 mA load. This part is ideal for any
and all battery operated microprocessor equipment.
Microprocessor control logic includes an active RESET (with
DELAY).
The active RESET circuit operates correctly at an output voltage as
low as 1.0 V. The RESET function is activated during the power up
sequence or during normal operation if the output voltage drops below
the regulation limits.
The regulator is protected against reverse battery, short circuit, and
thermal overload conditions. The device can withstand load dump
transients making it suitable for use in automotive environments. The
device has also been optimized for EMC conditions.
Features
Output Voltage Options: Adjustable, 2.5 V, 3.3 V, 5.0 V
± 2.0% Output
Low < 1.0 mA Sleep Current
Low 200 mA Quiescent Current
Fixed or Adjustable Output Voltage
Active RESET
ENABLE
400 mA Output Current Capability
Fault Protection
+60 V Peak Transient Voltage
−15 V Reverse Voltage
Short Circuit
Thermal Overload
Pb−Free Packages are Available
NCV Prefix for Automotive and Other Applications Requiring Site
and Change Control
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
x
= Voltage Ratings as Indicated Below:
A = Adjustable
2 = 2.5 V
3 = 3.3 V
5 = 5.0 V
A
= Assembly Location
WL = Wafer Lot
Y
= Year
WW = Work Week
G= Pb−Free Package
MARKING
DIAGRAM
D2PAK−7
DPS SUFFIX
CASE 936AB
NC
V8505x
AWLYWWG
1
1


Similar Part No. - NCV8505

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV8505D2T25 ONSEMI-NCV8505D2T25 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505D2T25G ONSEMI-NCV8505D2T25G Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8505D2T25R4 ONSEMI-NCV8505D2T25R4 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
More results

Similar Description - NCV8505

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503 ONSEMI-NCV8503_07 Datasheet
186Kb / 13P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 19
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8504 ONSEMI-NCV8504_07 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com